| データシートサーチシステム |
|
56F8014 データシート(PDF) 64 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8014 データシート(HTML) 64 Page - Freescale Semiconductor, Inc |
|
64 / 124 page ![]() 56F8014 Technical Data, Rev. 3 64 Freescale Semiconductor Preliminary Figure 6-1 SIM Register Map Summary 6.3.1 SIM Control Register (SIM_CTRL) Figure 6-2 SIM Control Register (SIM_CTRL) Add. Offset Address Acronym 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 $0 SIM_ CTRL R TC3_ SD TC2_ SD TC1_ SD TC0_ SD SCI_ SD 0 TC3_ INP 0 0 0 ONCE EBL0 SW RST STOP_ DISABLE WAIT_ DISABLE W $1 SIM_ RSTAT R 0 0 0 0 0 0 0 0 0 0 SWR COPR EXTR POR 0 0 W $2 SIM_SWC0 R Software Control Data 0 W $3 SIM_SWC1 R Software Control Data 1 W $4 SIM_SWC2 R Software Control Data 2 W $5 SIM_SWC3 R Software Control Data 3 W $6 SIM_MSHID R 0 0 0 0 0 0 0 1 1 1 1 1 0 0 1 0 W $7 SIM_LSHID R 0 1 0 0 0 0 0 0 0 0 0 1 1 1 0 1 W $8 SIM_PWR R 0 0 0 0 0 0 0 0 0 0 0 0 0 0 LRSTDBY W Reserved $A SIM_ CLKOUT R 0 0 0 0 0 0 PWM3PWM2PWM1PWM0 CLK DIS CLKOSEL W $B SIM_GPS R TCR PCR 0 0 CFG_ B7 CFG_ B6 CFG_ B5 CFG_ B4 CFG_ B3 CFG_ B2 CFG_ B1 CFG_ B0 CFG_A5 CFG_A4 W $C SIM_PCE R I2C 0 ADC 0 0 0 0 0 0 TMR 0 SCI 0 SPI 0 PWM W $D SIM_IOSAHI R 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ISAL[23:22] W $E SIM_IOSALO R ISAL[21:6] W 0 = Read as 0 1 = Read as 1 = Reserved = Reserved Base + $0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read TC3_ SD TC2_ SD TC1_ SD TC0_ SD SCI_ SD 0 TC3_ INP 0 0 0 ONCE EBL SW RST STOP_ DISABLE WAIT_ DISABLE Write RESET 0 0 0000 0 0 0 0 0 0 0 0 0 0 |