| データシートサーチシステム |
|
DSP56857 データシート(PDF) 104 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 データシート(HTML) 104 Page - Freescale Semiconductor, Inc |
|
104 / 662 page ![]() Memory Maps 5685X Digital Signal Controller User Manual, Rev. 4 3-16 Freescale Semiconductor Table 3-18. Quad Timer Registers Address Map (TMR_BASE = $1FFE80) see Chapter 13 Address Offset Register Acronym Register Name Access Type Chapter Location Base + $6, $E, $16, $1E CTRL Timer Channel Control Register Read/Write Section 13.9.1 Base + $7, $F, $17, $F SCR Timer Channel Status/Control Reg. Read/Write Section 13.9.2 Base + $0, $8, $10, $18 CMP1 Timer Channel Compare Register 1 Read/Write Section 13.9.3 Base + $1, $9, $11, $19 CMP2 Timer Channel Compare Register 2 Read/Write Section 13.9.4 Base + $2, $A, $12, $1A CAP Timer Channel Capture Register Read/Write Section 13.9.5 Base + $3, $B, $13, $1B LOAD Timer Channel Load Register Read/Write Section 13.9.6 Base + $4, $C, $14, $1C HOLD Timer Channel Hold Register Read/Write Section 13.9.7 Base + $5, $D, $15, $1D CNTR Timer Channel Counter Register Read/Write Section 13.9.8 Table 3-19. Time-Of-Day Registers Address Map (TOD_BASE = $1FFFC0) see Chapter 14 Address Offset Register Acronym Register Name Access Type Chapter Location Base + $0 TODCS Control/Status Register Read/Write Section 14.6.2 Base + $1 TODCSL Clock Scaler Load Register Read-Only Section 14.6.3 Base + $2 TODSEC Seconds Register Read-Only Section 14.6.4 Base + $3 TODSAL Seconds Alarm Register Read-Only Section 14.6.5 Base + $4 TODMIN Minutes Register Read-Only Section 14.6.6 Base + $5 TODMAL Minutes Alarm Register Read-Only Section 14.6.7 Base + $6 TODHR Hour Register Read-Only Section 14.6.8 Base + $7 TODHAL Hour Alarm Register Read-Only Section 14.6.9 Base + $8 TODDAY Days Register Read-Only Section 14.6.10 Base + $9 TODDAL Days Alarm Register Read-Only Section 14.6.11 Table 3-20. General Purpose Input/Output A Register Map (GPIOA_BASE = $1FFE60) see Chapter 15 Address Offset Register Acronym Register Name Access Type Chapter Location Base + $0 GPIO_A_PER Peripheral Enable Register Read/Write Section 15.8.1 Base + $1 GPIO_A_DDR Data Direction Register Read/Write Section 15.8.9 Base + $2 GPIO_A_DR Data Register Read/Write Section 15.8.17 Base + $3 GPIO_A_PUR Peripheral Enable Register Read/Write Section 15.8.25 |