| データシートサーチシステム |
|
DSP56857 データシート(PDF) 105 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 データシート(HTML) 105 Page - Freescale Semiconductor, Inc |
|
105 / 662 page ![]() Memory Maps Overview, Rev. 4 Freescale Semiconductor 3-17 Table 3-21. General Purpose Input/Output B Register Map (GPIOB_BASE = $1FFE64) see Chapter 15 Address Offset Register Acronym Register Name Access Type Chapter Location Base + $0 GPIO_B_PER Peripheral Enable Register Read/Write Section 15.8.2 Base + $1 GPIO_B_DDR Data DirectionRegister Read/Write Section 15.8.10 Base + $2 GPIO_B_DR Data Register Read/Write Section 15.8.18 Base + $3 GPIO_B_PUR Peripheral Enable Register Read/Write Section 15.8.26 Table 3-22. General Purpose Input/Output C Register Map (GPIOC_BASE = $1FFE68) see Chapter 15 Address Offset Register Acronym Register Name Access Type Chapter Location Base + $0 GPIO_C_PER Peripheral Enable Register Read/Write Section 15.8.3 Base + $1 GPIO_C_DDR Data DirectionRegister Read/Write Section 15.8.11 Base + $2 GPIO_C_DR Data Register Read/Write Section 15.8.19 Base + $3 GPIO_C_PUR Peripheral Enable Register Read/Write Section 15.8.27 Table 3-23. General Purpose Input/Output D Register Map (GPIOD_BASE = $1FFE6C) see Chapter 15 Address Offset Register Acronym Register Name Access Type Chapter Location Base + $0 GPIO_D_PER Peripheral Enable Register Read/Write Section 15.8.4 Base + $1 GPIO_D_DDR Data DirectionRegister Read/Write Section 15.8.12 Base + $2 GPIO_D_DR Data Register Read/Write Section 15.8.20 Base + $3 GPIO_D_PUR Peripheral Enable Register Read/Write Section 15.8.28 Table 3-24. General Purpose Input/Output E Register Map (GPIOE_BASE = $1FFE70) see Chapter 15 Address Offset Register Acronym Register Name Access Type Chapter Location Base + $0 GPIO_E_PER Peripheral Enable Register Read/Write Section 15.8.5 Base + $1 GPIO_E_DDR Data DirectionRegister Read/Write Section 15.8.13 Base + $2 GPIO_E_DR Data Register Read/Write Section 15.8.21 Base + $3 GPIO_E_PUR Peripheral Enable Register Read/Write Section 15.8.29 |