データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSP56857 データシート(PDF) 107 Page - Freescale Semiconductor, Inc

部品番号 DSP56857
部品情報  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 データシート(HTML) 107 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 103Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 104Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 105Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 106Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 107Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 108Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 109Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 110Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 111Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 662 page
background image
Memory Maps
Overview, Rev. 4
Freescale Semiconductor
3-19
3.3.2 Interrupt Vectors
The interrupt vectors for the 5685x devices reside in the program memory area. Default addresses
of each vector is listed in the Interrupt Controller (ITCN) Chapter, and outlined in Table 8-3.
Reset is considered to be the highest priority interrupt and takes precedence over all other
interrupts. If the reset pin is pulled low, the interrupt controller generates a reset vector address
for the core.
Note:
The reset vector for the 5685x series devices is $1F0000, the start address of the
internal Boot ROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More