データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VL53L1 データシート(PDF) 14 Page - STMicroelectronics

部品番号 VL53L1
部品情報  A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1 データシート(HTML) 14 Page - STMicroelectronics

Back Button VL53L1 Datasheet HTML 10Page - STMicroelectronics VL53L1 Datasheet HTML 11Page - STMicroelectronics VL53L1 Datasheet HTML 12Page - STMicroelectronics VL53L1 Datasheet HTML 13Page - STMicroelectronics VL53L1 Datasheet HTML 14Page - STMicroelectronics VL53L1 Datasheet HTML 15Page - STMicroelectronics VL53L1 Datasheet HTML 16Page - STMicroelectronics VL53L1 Datasheet HTML 17Page - STMicroelectronics VL53L1 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Functional description
VL53L1X
14/35
DocID031281 Rev 3
2.8
Sensing array optical center
VL53L1X module includes a lens that focus the photons on the 16x16 SPADs sensing array.
The sensing array optical center specification takes into account the part-to-part variation in
production.
The optical center is defined by coordinates (Xo and Yo).
The optical center is measured for each part during a factory test at STMicroelectronics. The
coordinates are stored in the VL53L1X non-volatile memory and are readable by the
customer through the software driver in the application. This helps optimize design
alignment with the camera and ranging performances in the application.
The green array in Figure 10: Optical center specification gives the possible location of the
optical center.
Figure 10. Optical center specification
For more details please refer to VL53L1X API user manual (UM2356)
Table 5. Optical center specification
Parameter
Min.
Typ.
Max.
Unit
Xo offset
-2
0
2
SPAD
Yo offset
-2
0
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35