データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EPCQ32 データシート(PDF) 2 Page - Intel Corporation

部品番号 EPCQ32
部品情報  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

EPCQ32 データシート(HTML) 2 Page - Intel Corporation

  EPCQ32 Datasheet HTML 1Page - Intel Corporation EPCQ32 Datasheet HTML 2Page - Intel Corporation EPCQ32 Datasheet HTML 3Page - Intel Corporation EPCQ32 Datasheet HTML 4Page - Intel Corporation EPCQ32 Datasheet HTML 5Page - Intel Corporation EPCQ32 Datasheet HTML 6Page - Intel Corporation EPCQ32 Datasheet HTML 7Page - Intel Corporation EPCQ32 Datasheet HTML 8Page - Intel Corporation EPCQ32 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Contents
1. Quad-Serial Configuration (EPCQ) Devices Datasheet.....................................................4
1.1. Supported Devices.................................................................................................4
1.2. Features...............................................................................................................5
1.3. Operating Conditions..............................................................................................5
1.3.1. Absolute Maximum Ratings......................................................................... 5
1.3.2. Recommended Operating Conditions............................................................ 6
1.3.3. DC Operating Conditions.............................................................................6
1.3.4. ICC Supply Current.................................................................................... 7
1.3.5. Capacitance.............................................................................................. 7
1.4. Memory Array Organization.....................................................................................7
1.4.1. Address Range for EPCQ16......................................................................... 8
1.4.2. Address Range for EPCQ32......................................................................... 9
1.4.3. Address Range for EPCQ64......................................................................... 9
1.4.4. Address Range for EPCQ128...................................................................... 11
1.4.5. Address Range for EPCQ256...................................................................... 13
1.4.6. Address Range for EPCQ512/A...................................................................16
1.5. Memory Operations..............................................................................................16
1.5.1. Timing Requirements................................................................................17
1.5.2. Addressing Mode..................................................................................... 17
1.6. Registers............................................................................................................ 17
1.6.1. Status Register........................................................................................17
1.6.2. Flag Status Register................................................................................. 26
1.6.3. Non-Volatile Configuration Register.............................................................27
1.7. Summary of Operation Codes................................................................................ 29
1.7.1. 4BYTEADDREN and 4BYTEADDREX Operations (B7h and E9h)........................ 30
1.7.2. Write Enable Operation (06h).................................................................... 31
1.7.3. Write Disable Operation (04h)................................................................... 31
1.7.4. Read Bytes Operation (03h)...................................................................... 32
1.7.5. Fast Read Operation (0Bh)........................................................................ 33
1.7.6. Extended Dual Input Fast Read Operation (BBh)...........................................33
1.7.7. Extended Quad Input Fast Read Operation (EBh)..........................................34
1.7.8. Read Device Identification Operation (9Fh)..................................................34
1.7.9. Write Bytes Operation (02h)......................................................................35
1.7.10. Extended Dual Input Fast Write Bytes Operation (D2h)................................36
1.7.11. Extended Quad Input Fast Write Bytes Operation (12h or 38h)..................... 36
1.7.12. Erase Bulk Operation (C7h)..................................................................... 37
1.7.13. Erase Sector Operation (D8h).................................................................. 38
1.7.14. Erase Subsector Operation...................................................................... 39
1.8. Power Mode........................................................................................................ 40
1.9. Timing Information.............................................................................................. 40
1.9.1. Write Operation Timing............................................................................. 40
1.9.2. Read Operation Timing............................................................................. 42
1.10. Programming and Configuration File Support......................................................... 42
1.11. Pin Information..................................................................................................43
1.11.1. Pin-Out Diagram for EPCQ16 and EPCQ32 Devices......................................43
1.11.2. Pin-Out Diagram for EPCQ64, EPCQ128, EPCQ256, and EPCQ512/A Devices...44
1.11.3. EPCQ Device Pin Description.................................................................... 44
Contents
Quad-Serial Configuration (EPCQ) Devices Datasheet
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48