データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F030x8 データシート(PDF) 36 Page - STMicroelectronics

部品番号 STM32F030x8
部品情報  Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030x8 データシート(HTML) 36 Page - STMicroelectronics

Back Button STM32F030x8 Datasheet HTML 32Page - STMicroelectronics STM32F030x8 Datasheet HTML 33Page - STMicroelectronics STM32F030x8 Datasheet HTML 34Page - STMicroelectronics STM32F030x8 Datasheet HTML 35Page - STMicroelectronics STM32F030x8 Datasheet HTML 36Page - STMicroelectronics STM32F030x8 Datasheet HTML 37Page - STMicroelectronics STM32F030x8 Datasheet HTML 38Page - STMicroelectronics STM32F030x8 Datasheet HTML 39Page - STMicroelectronics STM32F030x8 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 93 page
background image
PB8
-
I2C1_SCL
TIM16_CH1
-
-
-
PB9
IR_OUT
I2C1_SDA
TIM17_CH1
EVENTOUT
-
SPI2_NSS(1)
PB10
-
I2C1_SCL(2)
-
-
USART3_TX(1)
SPI2_SCK(1)
I2C2_SCL(1)(3)
PB11
EVENTOUT
I2C1_SDA(2)
-
-
USART3_RX(1)
-
I2C2_SDA(1)(3)
PB12
SPI1_NSS(2)
EVENTOUT
TIM1_BKIN
-
USART3_RTS(1)
TIM15(1)
SPI2_NSS(1)(3)
PB13
SPI1_SCK(2)
-
TIM1_CH1N
-
USART3_CTS(1)
I2C2_SCL(1)
SPI2_SCK(1)(3)
PB14
SPI1_MISO(2)
TIM15_CH1(1)(3)
TIM1_CH2N
-
USART3_RTS(1)
I2C2_SDA(1)
SPI2_MISO(1)(3)
PB15
SPI1_MOSI(2)
TIM15_CH2(1)(3)
TIM1_CH3N
TIM15_CH1N(1)(3)
--
SPI2_MOSI(1)(3)
1. This feature is available on STM32F030xC devices.
2. This feature is available on STM32F030x4 and STM32F030x6 devices.
3. This feature is available on STM32F030x8 devices.
Table 13. Alternate functions selected through GPIOB_AFR registers for port B (continued)
Pin name
AF0
AF1
AF2
AF3
AF4
AF5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93