| データシートサーチシステム |
|
STM32F030x8 データシート(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F030x8 データシート(HTML) 40 Page - STMicroelectronics |
|
40 / 93 page ![]() Memory mapping STM32F030x4/x6/x8/xC 40/93 DS9773 Rev 4 - 0x4000 8000 - 0x4000 FFFF 32 KB Reserved APB 0x4000 7400 - 0x4000 7FFF 3 KB Reserved 0x4000 7000 - 0x4000 73FF 1 KB PWR 0x4000 5C00 - 0x4000 6FFF 5 KB Reserved 0x4000 5800 - 0x4000 5BFF 1 KB I2C2(1) 0x4000 5400 - 0x4000 57FF 1 KB I2C1 0x4000 5000 - 0x4000 53FF 1 KB USART5(2) 0x4000 4C00 - 0x4000 4FFF 1 KB USART4(2) 0x4000 4800 - 0x4000 4BFF 1 KB USART3(2) 0x4000 4400 - 0x4000 47FF 1 KB USART2(1) 0x4000 3C00 - 0x4000 43FF 2 KB Reserved 0x4000 3800 - 0x4000 3BFF 1 KB SPI2(1) 0x4000 3400 - 0x4000 37FF 1 KB Reserved 0x4000 3000 - 0x4000 33FF 1 KB IWDG 0x4000 2C00 - 0x4000 2FFF 1 KB WWDG 0x4000 2800 - 0x4000 2BFF 1 KB RTC 0x4000 2400 - 0x4000 27FF 1 KB Reserved 0x4000 2000 - 0x4000 23FF 1 KB TIM14 0x4000 1800 - 0x4000 1FFF 2 KB Reserved 0x4000 1400 - 0x4000 17FF 1 KB TIM7(2) 0x4000 1000 - 0x4000 13FF 1 KB TIM6(1) 0x4000 0800 - 0x4000 0FFF 2 KB Reserved 0x4000 0400 - 0x4000 07FF 1 KB TIM3 0x4000 0000 - 0x4000 03FF 1 KB Reserved 1. This feature is available on STM32F030x8 and STM32F030xC devices only. For STM32F030x6 and STM32F060x4, the area is Reserved. 2. This feature is available on STM32F030xC devices only. This area is reserved for STM32F030x4/6/8 devices. Table 17. STM32F030x4/x6/x8/xC peripheral register boundary addresses (continued) Bus Boundary address Size Peripheral |