| データシートサーチシステム |
|
AXP288D データシート(PDF) 27 Page - Shenzhen X-Powers Technology Co ., Ltd |
|
|
|||||||||||||||||||||||||||||
AXP288D データシート(HTML) 27 Page - Shenzhen X-Powers Technology Co ., Ltd |
|
27 / 110 page ![]() AXP288 PMIC Optimized For Multi-Core High-Performance System AXP288 Datasheet V1.06 Copyright © 2014 X-Powers Limited. All Rights Reserved. 27 Parameter Description Min Typical Max Units T2 V3P3A valid to RSMRST_B de-assertion 0 150 μs T3 VREFDQ valid (within +/-10% of its final normal value) to DRAMPWROK assertion 0 150 μs T4 RSMRST_B de-assertion toSLP_S0IX_B de-assertion 80 μs T5 SLP_S0IX_B de-assertion to first SX rail turn-on delay 0 8 16 ms T6 Core rails valid to VCCAPWEROK and COREPWROK assertion 1 ms T7 COREPWROK assertion to PLTRST_B de-assertion 60 μs VBAT VRTC Buck3- V1P05S/V1P0A/V1P0S Buck6-V3P3A&ELDO1- V1P8A LDO2-V1P2A/S LDO3-V3P3A RSMRST_B SUSPWRDNACK Buck4-VDDQ LDO5-VREFDQ DRAMPWROK Buck5 - VNN Buck1-VCC LDO6-eMMC SLP_S0IX_B LDO1-V1P2SX Buck2-V1P0SX VCCAPWROK COREPWROK PLTRST_B Signals from SoC BYT Cold Boot Sequence for AXP288D 0 T0 T1 T2 T3 T4 T5 T6 T7 Figure 9-6 |