| データシートサーチシステム |
|
PIFE32251B-R47MS データシート(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PIFE32251B-R47MS データシート(HTML) 12 Page - Texas Instruments |
|
12 / 96 page ![]() 12 TPS65094 SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019 www.ti.com Submit Documentation Feedback Product Folder Links: TPS65094 Specifications Copyright © 2015–2019, Texas Instruments Incorporated 5.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN NOM MAX UNIT ANALOG VSYS 5.6 13 21 V VREF –0.3 1.3 V PVIN3, PVIN4, PVIN5, LDO5P0, V5ANA, DRV5V_1_6, DRV5V_2_A1 –0.3 5 5.5 V PGNDSNS1, PGNDSNS2, PGNDSNS6, AGND, FBGND2 –0.3 0.3 V DRVH1, DRVH2, DRVH6, BOOT1, BOOT2, BOOT6 –0.3 26.5 V DRVL1, DRVL2, DRVL6 –0.3 5.5 V SW1, SW2, SW6 –1 21 V LX3, LX4, LX5 –1 5.5 V FBVOUT1, FBVOUT2, FBVOUT6, FB3, FB4, FB5 –0.3 3.6 V LDO3P3, ILIM1, ILIM2, ILIM6, LDOA1 –0.3 3.3 V PVINVTT –0.3 VDDQ V VTT, VTTFB –0.3 VDDQ / 2 V PVINSWA1, SWA1 –0.3 3.3 3.6 V PVINSWB1_B2, PVINLDOA2_A3, SWB1, SWB2 –0.3 1.8 V LDOA2, LDOA3 –0.3 1.5 V DIGITAL IOs DATA, CLK, PMICEN, SLP_S4B, SLP_S3B, LDOLS_EN, SWA1_EN, SLP_S0B, THERMTRIPB, PROCHOT, IRQB, RSMRSTB, PCH_PWROK, GPO –0.3 3.3 V CHIP TA Operating ambient temperature –40 27 85 °C TJ Operating junction temperature –40 27 125 °C (1) For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics. 5.4 Thermal Information THERMAL METRIC(1) TPS65094x UNIT RSK (VQFN) 64 PINS RθJA Junction-to-ambient thermal resistance 25.8 °C/W RθJC(top) Junction-to-case (top) thermal resistance 11.3 °C/W RθJB Junction-to-board thermal resistance 4.4 °C/W ψJT Junction-to-top characterization parameter 0.2 °C/W ψJB Junction-to-board characterization parameter 4.4 °C/W RθJC(bot) Junction-to-case (bottom) thermal resistance 0.7 °C/W 5.5 Electrical Characteristics: Total Current Consumption over recommended free-air temperature range and over recommended input voltage range (typical values are at TA = 25°C) (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT ISD PMIC shutdown current that includes IQ for references, LDO5, LDO3P3, and digital core VSYS = 13 V, all functional output rails are disabled 65 µA |