| データシートサーチシステム |
|
FS7755-IS データシート(PDF) 8 Page - Fortune Semiconductor Corp. |
|
|
|||||||||||||||||||||||||||||
FS7755-IS データシート(HTML) 8 Page - Fortune Semiconductor Corp. |
|
8 / 22 page ![]() FS7755 Rev. 1.1 8/22 Parameter Specifications Unit Test Conditions/Comments Reference Input REFIN/OUT Input Voltage Range 2.7 V max 2.5V + 8% 2.3 V min 2.5V – 8% Input Impedance 3.2 kΩ min Input Capacitance 10 pF max On-Chip Reference Nominal 2.5V Reference Error ±200 mV max Temperature Coefficient ±30 ppm/℃ typ CLKIN Note: Input Clock Frequency 4 MHz max All Specifications for CLKIN of 3.579545MHz 1 MHz min Logic Inputs 3 SCF,SO,S1,RESET,GO,and G1 Input High Voltage, VINH 2.4 V min DVDD = 5V ± 5% Input Low Voltage, VINL 0.8 V max DVDD = 5 V ± 5% Input Current, IIN ± 3 μA max Typically 10nA, VIN = 0 V to DVDD Input Capacitance, CIN 10 pF max Logic Output 3 F1 and F2 Output High Voltage, VOH 4.5 V min ISOURCE = 10mA DVDD = 5V Output Low Voltage, VOL 0.5 V max ISINK = 10mA DVDD = 5V CF and REVP Output High Voltage, VOH 4 V min ISOURCE = 5mA DVDD = 5V Output Low Voltage, VOL 0.5 V max ISINK = 5mA DVDD = 5V Power Supply For Specified Performance AVDD 4.75 V min 5V – 5% 5.25 V max 5V + 5% DVDD 4.75 V min 5V – 5% 5.25 V max 5V + 5% AIDD 3 mA max Typically 2mA DIDD 2.5 mA max Typically 1.5mA Note: 1See Terminology section for explanation of specifications. 2See Plots in Typical Performance Graphs. 3Sample tested during initial release and after any redesign or process changes that may affect this parameter. Specifications subject to change without notice. |