| データシートサーチシステム |
|
NUC505-YO2G データシート(PDF) 25 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
NUC505-YO2G データシート(HTML) 25 Page - Nuvoton Technology Corporation |
|
25 / 130 page ![]() NUC505 July. 26, 2018 Page 25 of 130 Rev.1.08 14 PA.8 I/O MFP0 General purpose digital I/O pin. SPIM_SS O MFP1 SPIM slave select pin. I2S_LRCLK I/O MFP2 I 2S left right channel clock. UART1_TXD O MFP3 Data transmitter output pin for UART1. 15 PA.9 I/O MFP0 General purpose digital I/O pin. SPIM_CLK O MFP1 SPIM serial clock pin. I2S_BCLK I/O MFP2 I 2S bit clock pin. UART1_RXD I MFP3 Data receiver input pin for UART1. SYSCFG[0] I MFP0 System configuration setting bit 0. 16 PA.10 I/O MFP0 General purpose digital I/O pin. SPIM_MOSI I/O MFP1 SPIM MOSI (Master Out, Slave In) pin. I2C1_SCL O MFP2 I2C1 clock pin. SD_CLK O MFP4 SD/SDH mode - clock. SYSCFG[1] I MFP0 System configuration setting bit 1. 17 PA.11 I/O MFP0 General purpose digital I/O pin. SPIM_MISO I/O MFP1 SPIM MISO (Master In, Slave Out) pin. I2C1_SDA I/O MFP2 I2C1 data input/output pin. SD_CMD I MFP4 SD/SDH mode – command/response. 18 VDD A MFP0 Power supply for I/O ports, DC 3.3V. 19 PB.0 I/O MFP0 General purpose digital I/O pin. I2C0_SCL O MFP2 I2C0 clock pin. UART0_TXD O MFP3 Data transmitter output pin for UART0. SD_DAT2 I/O MFP4 SD/SDH mode data line bit 2. 20 PB.1 I/O MFP0 General purpose digital I/O pin. I2C0_SDA I/O MFP2 I2C0 data input/output pin. UART0_RXD I MFP3 Data receiver input pin for UART0. SD_DAT3 I/O MFP4 SD/SDH mode data line bit 3. |