| データシートサーチシステム |
|
NUC505-YO2N データシート(PDF) 60 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
NUC505-YO2N データシート(HTML) 60 Page - Nuvoton Technology Corporation |
|
60 / 130 page ![]() NUC505 July. 26, 2018 Page 60 of 130 Rev.1.08 Pin No. Pin Name Type MFP Description 71 PA.2 I/O MFP0 General purpose digital I/O pin. ADC_CH2 A MFP1 ADC channel 2 analog input. I2S_MCLK O MFP2 I 2S master clock output pin. 72 PA.3 I/O MFP0 General purpose digital I/O pin. ADC_CH3 A MFP1 ADC channel 3 analog input. I2S_DI I MFP2 I 2S data input. 73 PA.4 I/O MFP0 General purpose digital I/O pin. ADC_CH4 A MFP1 ADC channel 4 analog input. I2S_DO O MFP2 I 2S data output. 74 PA.5 I/O MFP0 General purpose digital I/O pin. ADC_CH5 A MFP1 ADC channel 5 analog input. 75 PA.6 I/O MFP0 General purpose digital I/O pin. ADC_CH6 A MFP1 ADC channel 6 analog input. 76 PA.7 I/O MFP0 General purpose digital I/O pin. ADC_CH7 A MFP1 ADC channel 7 analog input. 77 VDD12 A MFP0 Power supply for I/O ports, DC 1.2V 78 PB.10 I/O MFP0 General purpose digital I/O pin. SPI1_SS O MFP1 SPI1 slave select pin. I2C1_SCL O MFP2 I2C1 clock pin. UART2_TXD O MFP3 Data transmitter output pin for UART2. PWM_CH0 I/O MFP4 PWM channel0 output/capture input. 79 PB.11 I/O MFP0 General purpose digital I/O pin. SPI1_CLK O MFP1 SPI1 serial clock pin. I2C1_SDA I/O MFP2 I2C1 data input/output pin. URAT2_RXD I MFP3 Data receiver input pin for UART2. PWM_CH1 I/O MFP4 PWM channel1 output/capture input. |