| データシートサーチシステム |
|
NUC505-YO2N データシート(PDF) 82 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
NUC505-YO2N データシート(HTML) 82 Page - Nuvoton Technology Corporation |
|
82 / 130 page ![]() NUC505 July. 26, 2018 Page 82 of 130 Rev.1.08 Table 6.2-4 Exception Model Vector Number Interrupt Number Interrupt Name Interrupt Description (Bit in Interrupt Registers) 0 ~ 15 - - System exceptions 16 0 PWR_INT Power On Interrupt 17 1 WDT_INT Watch Dog Timer interrupt 18 2 Reserved Reserved 19 3 I2S_INT I 2S interrupt 20 4 EINT0_INT External GPIO Group 0 interrupt 21 5 EINT1_INT External GPIO Group 1 interrupt 22 6 EINT2_INT External GPIO Group 2 interrupt 23 7 EINT3_INT External GPIO Group 3 interrupt 24 8 SPIM_INT SPIM interrupt 25 9 USBD_INT USB Device 20 interrupt 26 10 TM0_INT Timer0 interrupt 27 11 TM1_INT Timer1 interrupt 28 12 TM2_INT Timer2 interrupt Exception Type Vector Number Vector Address Priority Reset 1 0x00000004 -3 NMI 2 0x00000008 -2 Hard Fault 3 0x0000000C -1 Memory Manager Fault 4 0x00000010 Configurable Bus Fault 5 0x00000014 Configurable Usage Fault 6 0x00000018 Configurable Reserved 7 ~ 10 Reserved SVCall 11 0x0000002C Configurable Debug Monitor 12 0x00000030 Configurable Reserved 13 Reserved PendSV 14 0x00000038 Configurable SysTick 15 0x0000003C Configurable Interrupt (IRQ0 ~ IRQ31) 16 ~ 47 0x00000000 + (Vector Number)*4 Configurable |