データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP16CL596 データシート(PDF) 7 Page - STMicroelectronics

部品番号 STP16CL596
部品情報  LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CL596 データシート(HTML) 7 Page - STMicroelectronics

Back Button STP16CL596 Datasheet HTML 3Page - STMicroelectronics STP16CL596 Datasheet HTML 4Page - STMicroelectronics STP16CL596 Datasheet HTML 5Page - STMicroelectronics STP16CL596 Datasheet HTML 6Page - STMicroelectronics STP16CL596 Datasheet HTML 7Page - STMicroelectronics STP16CL596 Datasheet HTML 8Page - STMicroelectronics STP16CL596 Datasheet HTML 9Page - STMicroelectronics STP16CL596 Datasheet HTML 10Page - STMicroelectronics STP16CL596 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STP16CL596
7/18
Table 9: Truth Table
Note 1: OUT0 to OUT15 = ON when Dn = H; OUT0 to OUT15 = OFF when Dn = L.
Figure 7: Timing Diagram
Note: The latches circuit holds data when the LE terminal is Low.
When LE terminal is at High level, latch circuit doesn’t hold the data it passes from the input to the output.
When OE terminal is at Low level, output terminals OUT0 to OUT15 respond to the data, either ON or OFF.
When OE terminal is at High level, it switches off all the data on the output terminal.
CLOCK
/LE
/OE
SERIAL-IN
OUT0 .................. OUT7 .................. OUT15
SDO
H
L
Dn
Dn ..... Dn - 7 ..... Dn -15
Dn - 15
L
L
Dn + 1
No Change
Dn - 14
H
L
Dn + 2
Dn - 2 ..... Dn - 5 ..... Dn -13
Dn - 13
X
L
Dn + 3
Dn - 2 ..... Dn - 5 ..... Dn -13
Dn - 13
XL
Dn + 3
OFF
Dn - 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18