データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP16CL596 データシート(PDF) 11 Page - STMicroelectronics

部品番号 STP16CL596
部品情報  LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CL596 データシート(HTML) 11 Page - STMicroelectronics

Back Button STP16CL596 Datasheet HTML 7Page - STMicroelectronics STP16CL596 Datasheet HTML 8Page - STMicroelectronics STP16CL596 Datasheet HTML 9Page - STMicroelectronics STP16CL596 Datasheet HTML 10Page - STMicroelectronics STP16CL596 Datasheet HTML 11Page - STMicroelectronics STP16CL596 Datasheet HTML 12Page - STMicroelectronics STP16CL596 Datasheet HTML 13Page - STMicroelectronics STP16CL596 Datasheet HTML 14Page - STMicroelectronics STP16CL596 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
STP16CL596
11/18
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.32
0.170
A1
0.38
0.015
A2
3.3
0.130
B
0.41
0.46
0.51
0.016
0.018
0.020
B1
1.40
1.52
1.65
0.055
0.060
0.065
c
0.20
0.25
0.30
0.008
0.010
0.012
D
31.62
31.75
31.88
1.245
1.250
1.255
E
7.62
8.26
0.300
0.325
E1
6.35
6.60
6.86
0.250
0.260
0.270
e
2.54
0.100
E1
7.62
0.300
L
3.18
3.43
0.125
0.135
M
0˚
15˚
0˚
15˚
Plastic DIP-24 (0.25) MECHANICAL DATA
0034965/D
Stand-off
B
e
B1
D
13
12
24
1
e1
c
E1
Gage Plane
.015
0,38
M
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18