データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

24LC256-IP データシート(PDF) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

部品番号 24LC256-IP
部品情報  I2C CMOS Serial EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
ホームページ  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

24LC256-IP データシート(HTML) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  24LC256-IP Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256-IP Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256-IP Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256-IP Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256-IP Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256-IP Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256-IP Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256-IP Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256-IP Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
24LC256
256K I
2CTM CMOS Serial EEPROM
www.artschip.com
4
2.0 PIN DESCRIPTIONS
2.1 A0,A1,A2 Chip Address Inputs
The A0, A1,A2 inputs are used by the 24XX256 for multiple
device operation. The levels on these inputs are compared
with the corresponding bits in the slave address. The chip is
selected if the compare is true.
Up to eight device may be connected to the same bus by
using different chip select bit combinations. If left unconnected,
these inputs will be pulled down internally to Vss.
2.2 SDA Serial Data
This is a bi-directional pin used to transfer addresses and data
into and data out of the device. It is an opendrain terminal,
therefore, the SDA bus requires a pull up resistor to Vcc
(typical 10 kΩ for 100kHz,2kΩ for 400kHz)
For normal data transfer SDA is allowed to change only during
SCL low. Changes during SCL high are reserved for indicating
the START and STOP conditions.
2.3 SCL Serial Clock
This input is used to synchronize the data transfer from and to
the device.
2.4 WP
This pin can be connected to either Vss, Vcc or left floating.
An internal pull-down on this pin will keep the device in the
unprotected state if left floating. If tied to Vss or left floating,
normal memory operation is enabled (read/write the entire
memory 0000-7FFF).
If tied to Vcc, WRITE operations are inhibited. Read
operations are not affected.
3.0 FUNCTIONAL DESCRIPTION
The 24xx256 supports a bi-directional 2-wire bus and data
transmission protocol. A device that sends data onto the bus
is defined as a transmitter, and a device receiving data as a
receiver. The bus must be controlled by a master device
which generates the serial clock (SCL), controls the bus
access, and generates the START and STOP conditions while
the 24xx256 works as a slave. Both master and slave can
operate as a transmitter or receiver, but the master device
determines which mode is activated.
4.0 BUS CHARACTERISTICS
The following bus protocol has been defined:
.Data transfer may be initiated only when the bus is not busy.
.During data transfer, the data line must remain stable
whenever the clock line is HIGH. Changes in the data line
while the clock line is HIGH will be interpreted as a START or
STOP condition.
Accordingly, the following bus conditions have been defined
(Figure 4-1).
4.1 Bus not Busy (A)
Both data and clock lines remain HIGH.
4.2 Start Data Transfer (B)
A HIGH to LOW transition of the SDA line while the clock (SCL)
is HIGH determines a START condition. All commands must
be preceded by a START condition.
4.3 Stop Data Transfer (C)
A Low to HIGH transition of the SDA line while the clock (SCL)
is HIGH determines a STOP condition. All operations must
end with a STOP condition.
4.4 Data Valid (D)
The state of the data line represents valid data when, after a
START condition, the data line is stable for the duration of the
HIGH period of the clock signal.
The data on the line must be changed during the LOW period
of the clock signal. There is one bit of data per clock pulse.
Each data transfer is initiated with a START condition and
terminated with a STOP condition. The number of the data
bytes transferred between the START and STOP conditions is
determined by the master device.
4.5 Acknowledge
Each receiving device, when addressed, is obliged to
generate an acknowledge signal after the reception of each
byte. The master device must generate an extra clock pulse
which is associated with this acknowledge bit.
Note:
The 24xx256 does not generate any acknowledge bits if
an internal programming cycle is in progress.
A device that acknowledges must pull down the SDA line
during the acknowledge clock pulse in such a way that the
SDA line is stable LOW during the HIGH period of the
acknowledge related clock pulse. Of course, setup and hold
times must be taken into account. During reads, a master
must signal an end of data to the slave by NOT generating an
acknowledge bit on the last byte that has been clocked out of
the slave. In this case, the slave (24xx256) will leave the data
line HIGH to enable the master to generate the STOP
condition.
FIGURE 4-1: DATA TRANSFER SEQUENCE ON THE SERIAL BUS



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com