データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

24LC256-IP データシート(PDF) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

部品番号 24LC256-IP
部品情報  I2C CMOS Serial EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
ホームページ  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

24LC256-IP データシート(HTML) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  24LC256-IP Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256-IP Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256-IP Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256-IP Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256-IP Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256-IP Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256-IP Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256-IP Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256-IP Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
24LC256
256K I
2CTM CMOS Serial EEPROM
www.artschip.com
7
7.0 ACKNOWLEDGE POLLING
Since the device will not acknowledge during a write cycle,
this can be used to determine when the cycle is complete (this
feature can be used to maximize bus throughput.) Once the
stop condition for a write command has been issued from the
master, the device initiates the internally timed write cycle.
ACK polling can be initiated immediately. This involves the
master sending a start condition, followed by the control byte
for a write command(
=0). If the device is still busy with
the write cycle, then no ACK will be returned. If no ACK if
returned, then the start bit and control byte must be resent. If
the cycle is complete, then the device , See Figure 7-1 for flow
diagram.
FIGURE 7-1: ACKNOWLEDGE POLLING FLOW
8.0 READ OPERATION
Read operations are initiated in the same way as write operations with the exception that the
bit of the control byte is set to
one. There are three basic types of read operations: current address read, random read, and sequential read.
8.1 Current Address Read
The 24xx256 contains an address counter that maintains the address of the last word accessed, internally incremented by one.
Therefore, if the previous read access was to address n (n is any legal address), the next current address read operation would
access data from address n+1.
Upon receipt of the control byte with
bit set to one, the 24xx256 issues an acknowledge and transmits the 8-bit data word.
The master will not acknowledge the transfer but does generate a stop condition and the 24xx256 discontinues transmission
(Figure 8-1)
FIGURE 8-1: CURRENT ADDRESS READ



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com