データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMET データシート(PDF) 1 Page - Sanyou Corporation Limited

部品番号 SMET
部品情報  Miniature Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYOU [Sanyou Corporation Limited]
ホームページ  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SMET データシート(HTML) 1 Page - Sanyou Corporation Limited

  SMET Datasheet HTML 1Page - Sanyou Corporation Limited SMET Datasheet HTML 2Page - Sanyou Corporation Limited SMET Datasheet HTML 3Page - Sanyou Corporation Limited SMET Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
Contact Capacity
100
.
m Max(1A 6VDC)
25
.
.
msec Max (no diode)
AC
V
Hz
1,000 ,50/60
1
.
min
AC
V
Hz
1,500 ,50/60
1
.
min
Silver alloy
Between open contacts
Between coil and contact
-25℃~+70℃ (
)
no condensation
Functional
Destructive
Functional
Destructive
Mechanical
Electrical
(
7,200
./ )
at
ops h
10~55
1.5
Hz at double amplitude of
mm
10~55
1.5
Hz at double amplitude of
mm
10
.
G Min
100
.
G Min
10,000,000(at room temperature)
100,000(at room temperature)
Contact material
Initial contact resistance at VDC A
(
6
1 )
Operate time at nominal volt
(
. )
Release time at nominal volt
(
. )
Initial insulation resistance
Initial dielectric strength
Vibration resistance
Shock resistance
Endurance
(
)
operations
Ambient temperature
Unit weight
Charateristic Data
25
.
.
msec Max (no diode)
Model
Nominal switching capacity res load
(
.
)
Max switching current
.
Max switching voltage
.
Max switching power
.
SMET
2~4 poles
5
250
A
VAC
5A
250VAC
1,250VA
SMET
-Series
UL
C UL File No
E
, -
.: 179745
VDE File No
.:40009320
CQC File No
CQC
08001024215 CQC12002082736
.:
Features
Safety Approval
,
PCB terminal socket and flange case types available for
.
different mounting consideration
.
Low coil power consumption with high sensitive
,
.
Long service endurance high reliability
SANYOU RELAYS
Relays for advanced technology
Miniature
Power Relay
Aprrox.
37.0 g
Nominal operating
current
mA
10% (
)
Coil
resistance
10% ( Ω)
Max
.
allowable
voltage
Pick up
-
voltage
(
.)
Max
Drop out
-
voltage
(
.)
Min
Nominal
operating
power
Nominal
voltage
1.0 ~ 1.3VA
50
60
Hz
Hz
6 VAC
12 VAC
24 VAC
48 VAC
220.0
110.0
60.0
30.0
170.0
85.0
45.0
23.0
11.5
46
165
735
Coil Data
110 % of
nominal
voltage
80% of
nominal
voltage
30 % of
nominal
voltage
220/240 VAC
200/220 VAC
110/120 VAC
100/110 VAC 11.7/12.9
9.9/10.8
6.2/6.8
4.8/5.3
10/11
8.4/9.2
5.3/5.8
4.2/4.6
3,200
4,430
12,950
14,400
*
*
*
*
version:V
2.1
(
20℃)
at
(at 360 ops./h)
1000MΩ Min.(DC500V)
2 poles,3 poles and 4 poles types available with switching
current 5A.


同様の部品番号 - SMET

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SME ETC1-SME Datasheet
633Kb / 7P
MINIATURE, GENERAL PURPOSE, SOLVENT PROOF
logo
Sanyou Corporation Limi...
SME SANYOU-SME Datasheet
288Kb / 4P
Miniature Power Relay
logo
Winchester Electronics ...
SME WINCHESTER-SME Datasheet
4Mb / 93P
Rack & Panel
logo
Sanyou Corporation Limi...
SME-1 SANYOU-SME-1 Datasheet
288Kb / 4P
Miniature Power Relay
SME-1-06AMF1D-B SANYOU-SME-1-06AMF1D-B Datasheet
288Kb / 4P
Miniature Power Relay
More results

同様の説明 - SMET

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
MINIATURE POWER RELAY
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
Miniature Power Relay
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com