データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMET データシート(PDF) 2 Page - Sanyou Corporation Limited

部品番号 SMET
部品情報  Miniature Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYOU [Sanyou Corporation Limited]
ホームページ  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SMET データシート(HTML) 2 Page - Sanyou Corporation Limited

  SMET Datasheet HTML 1Page - Sanyou Corporation Limited SMET Datasheet HTML 2Page - Sanyou Corporation Limited SMET Datasheet HTML 3Page - Sanyou Corporation Limited SMET Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
Insulation System:
Nil- Standard, B- Class B, F- Class F
Accessory Form:
Nil- Without accessory, D- With diode,
Mounting Type:
P- PCB, T- Socket, F- Flange case
Coil Power:
D- DC, A- AC
Coil Voltage
DC
AC
-06, 12, 24, 48, 110;
-06, 12, 24, 48,
Number of Poles
Type Designation
SMET
Special Parameter:
Nil- Standard type
Letter or number- Special requirement
SMET
CQC
VDE
UL CUL
/
E
179745
CQC
08001024215
40009320
5
250
A
VAC
SMET
- 2 12
D
1
- F - XX
T
D
4 poles
A
:3
250VAC
3A
30VDC
5A 250
VAC
Resistive
5A 28
VDC
Resistive
2A 250
VAC
General
use
Safety Approval Ratings
Ordering Information
Approval
File No
.
Approved ratings
Nomenclature
Outline Dimensions Wiring Diagram
,
,
(unit:
mm)
Mounting Holes
2c
Socket type
Flange case type
PCB type
Nominal operating
current
mA
10% (
)
Coil
resistance
10% ( Ω)
Max
.
allowable
voltage
Pick up
-
voltage
(
. )
Max
Drop out
-
voltage
(
. )
Min
Nominal
operating
power
Nominal
voltage
6 VDC
12 VDC
24 VDC
48 VDC
110 VDC
40
160
650
2,600
11,000
150.0
75.0
36.9
18.5
10.0
110 % of
nominal
voltage
75% of
nominal
voltage
10 % of
nominal
voltage
Approx
.
0.90W
Note: The above mentioned types have obtained CQC and UL certificates, while the types with* have gained VDE certificate.
*
*
*
*
*
100(100/110),110(110/120),200(200/220),220(220/240)
CQC
12002082736
Contact Material: NiL
-AgSnO 2 , 1- AgCdO
(2) Only some typical ratings are listed above. Each rating’s test condition is different, so the electrical endurance will be different.
(3) For sealed type testing, please open the ventilation hole of case before test.
If more details are required, please contact us.
(1) The above-mentioned unspecified temperature ratings, means that the ambient temperature is room temperature.
2-2Poles,3-3Poles,4-4Poles
DC-With diode(see wiring diagram)



Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com