| データシートサーチシステム |
|
MM54HC190 データシート(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
MM54HC190 データシート(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 8 page ![]() TLF5322 January 1988 MM54HC190MM74HC190 Synchronous Decade UpDown Counters with Mode Control MM54HC191MM74HC191 Synchronous Binary UpDown Counters with Mode Control General Description These high speed synchronous counters utilize advanced silicon-gate CMOS technology They possess the high noise immunity and low power consumption of CMOS technology along with the speeds of low power Schottky TTL These circuits are synchronous reversible updown count- ers The MM54HC191MM74HC191 are 4-bit binary count- ers and the MM54HC190MM74HC190 are BCD counters Synchronous operation is provided by having all flip-flops clocked simultaneously so that the outputs change simulta- neously when so instructed by the steering logic This mode of operation eliminates the output counting spikes normally associated with asynchronous (ripple clock) counters The outputs of the four master-slave flip-flops are triggered on a low-to-high level transition of the clock input if the enable input is low A high at the enable input inhibits count- ing The direction of the count is determined by the level of the downup input When low the counter counts up and when high it counts down These counters are fully programmable that is the outputs may be preset to either level by placing a low on the load input and entering the desired data at the data inputs The output will change independent of the level of the clock in- put This feature allows the counters to be used as modulo- N dividers by simply modifying the count length with the preset inputs Two outputs have been made available to perform the cas- cading function ripple clock and maximumminimum count The latter output produces a high-level output pulse with a duration approximately equal to one complete cycle of the clock when the counter overflows or underflows The ripple clock output produces a low-level output pulse equal in width to the low-level portion of the clock input when an overflow or underflow condition exists The counters can be easily cascaded by feeding the ripple clock output to the enable input of the succeeding counter if parallel clocking is used or to the clock input if parallel enabling is used The maximumminimum count output can be used to accom- plish look-ahead for high-speed operation Features Y Level changes on Enable or DownUp can be made re- gardless of the level of the clock input Y Wide power supply range 2 – 6V Y Low quiescent supply current 80 mA maximum (74HC Series) Y Low input current 1 mA maximum Connection Diagram Dual-In-Line Package TLF5322 – 1 Top View Load Enable Down Clock Function GUp HL L u Count Up HL H u Count Down L X X X Load H H X X No Change Asynchronous inputs Low input to load sets QA e A QB e B QC e C and QD e D Order Number MM54HC190191 or MM74HC190191 C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
同様の部品番号 - MM54HC190 |
|
同様の説明 - MM54HC190 |