| データシートサーチシステム |
|
MSM80C85AHJS データシート(PDF) 20 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM80C85AHJS データシート(HTML) 20 Page - OKI electronic componets |
|
20 / 29 page ![]() 20/29 ¡ Semiconductor MSM80C85AHRS/GS/JS RETURN RET RC RNC RZ RNZ RP RM RPE RPO Mnemonic Description Instruction Code (1) Clock (2) Cycles 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 1 1 1 1 0 1 1 0 0 1 1 0 0 1 1 0 1 0 0 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 D7 D6 D5 D4 D3 D2 D1 D0 10 6/12 6/12 6/12 6/12 6/12 6/12 6/12 6/12 Return Return on carry Return on no carry Return on zero Return on no zero Return on positive Return on minus Return on parity even Return on parity odd RESTART RST 11 A A A 111 12 Restart INPUT/OUTPUT IN OUT 1 1 1 1 0 0 1 1 1 0 0 0 1 1 1 1 10 10 Input Output INCREMENT AND DECREMENT INR r DCR r INR M DCR M INX B INX D INX H INX SP DCX B DCX D DCX H DCX SP 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 D D 1 1 0 0 1 1 0 0 1 1 D D 1 1 0 1 0 1 0 1 0 1 D D 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 1 0 1 1 1 1 1 1 1 1 1 4 4 10 10 6 6 6 6 6 6 6 6 Increment register Decrement register Increment memory Decrement memory Increment B & C registers Increment D & E registers Increment H & L registers Increment stack pointer Decrement B & C Decrement D & E Decrement H & L Decrement stack pointer ADD ADD r ADC r ADD M ADC M ADI ACI DAD B DAD D DAD H DAD SP 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 0 0 0 0 0 0 1 0 1 0 1 0 1 0 1 1 1 1 1 S S 1 1 1 1 0 0 0 0 S S 1 1 1 1 0 0 0 0 S S 0 0 0 0 1 1 1 1 4 4 7 7 7 7 10 10 10 10 Add register to A Add register to A with carry Add memory to A Add memory to A with carry Add immediate to A Add immediate to A with carry Add B & C to H & L Add D & E to H & L Add H & L to H & L Add stack pointer to H & L SUBTRACT SUB r SBB r SUB M SBB M SUI SBI 1 1 1 1 1 1 0 0 0 0 1 1 0 0 0 0 0 0 1 1 1 1 1 1 0 1 0 1 0 1 S S 1 1 1 1 S S 1 1 1 1 S S 0 0 0 0 4 4 7 7 7 7 Subtract register from A Subtract register from A with borrow Subtract memory from A Subtract memory from A with borrow Subtract immediate from A Subtract immediate from A with borrow Table 8 Instruction Set Summary cont'd |