データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC866PZP133 データシート(PDF) 26 Page - Freescale Semiconductor, Inc

部品番号 MPC866PZP133
部品情報  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC866PZP133 データシート(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC866PZP133 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC866PZP133 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC866PZP133 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC866PZP133 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC866PZP133 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC866PZP133 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC866PZP133 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC866PZP133 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC866PZP133 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 92 page
background image
26
MPC866/859 Hardware Specifications
MOTOROLA
Bus Signal Timing
Bus Signal Timing
Figure 9 shows the timing for the synchronous input signals.
Figure 9. Synchronous Input Signals Timing
Figure 10 shows normal case timing for input data. It also applies to normal read accesses under the control
of the UPM in the memory controller.
Figure 10. Input Data Timing in Normal Case
CLKOUT
TA, BI
TEA, KR,
RETRY, CR
BB, BG, BR
B16
B17
B16a
B17a
B16b
B17
CLKOUT
TA
D[0:31],
DP[0:3]
B16
B17
B19
B18
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92