データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSM9802 データシート(PDF) 7 Page - OKI electronic componets

部品番号 MSM9802
部品情報  Voice Synthesis IC with Built-in Mask ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OKI [OKI electronic componets]
ホームページ  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9802 データシート(HTML) 7 Page - OKI electronic componets

Back Button MSM9802 Datasheet HTML 3Page - OKI electronic componets MSM9802 Datasheet HTML 4Page - OKI electronic componets MSM9802 Datasheet HTML 5Page - OKI electronic componets MSM9802 Datasheet HTML 6Page - OKI electronic componets MSM9802 Datasheet HTML 7Page - OKI electronic componets MSM9802 Datasheet HTML 8Page - OKI electronic componets MSM9802 Datasheet HTML 9Page - OKI electronic componets MSM9802 Datasheet HTML 10Page - OKI electronic componets MSM9802 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
7/51
MSM9802/03/05-xxx
¡ Semiconductor
Symbol
Type
Description
Phrase input pins corresponding to playback sound.
If input changes, SW0 to SW2 pins fetch addresses after 16 ms and
start voice synthesis.
Each of these pins has internal pull-down resistor.
SW0 - SW2
I
Phrase input pins corresponding to playback sound.
Input logic of A0 pin becomes invalid if the random playback function
is used.
A0 - A2
I
DIP
SOP SSOP
16-18 10-12 13-15
1-3
13-15 16-18
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52