| データシートサーチシステム |
|
MSM9802 データシート(PDF) 16 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM9802 データシート(HTML) 16 Page - OKI electronic componets |
|
16 / 52 page ![]() 16/51 MSM9802/03/05-xxx ¡ Semiconductor RND (I) BUSY (O) AOUT (O) tW (RAN) RESET (I) Playback (Address = 0001) Playback (Address = random) tW (RAN) tRA Random address fixed time Random address fixed time tRA Oscillation start Table 3.1 Random Address Setup Example A2, A1 A0, SW2-SW0 Phrase 00 0001 0010 0011 0100 0101 1110 1111 sunny rainy cloudy snowy sunny rainy snowy Random playback starts when the timing shown in Figure 3.3 is input to the RND pin. A random address is fixed based on the "H" level time of the RND pin during IC oscillation. Random address is captured at the fall of the RND pin, and voice playback commences. Therefore, when power is turned on, or when RESET is input, the phrase at fixed address "0001" is played while the random counter remains initialized until random playback is initiated. Figure 3.3 Random Address Capture |