| データシートサーチシステム |
|
PCF8813 データシート(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8813 データシート(HTML) 14 Page - NXP Semiconductors |
|
14 / 72 page ![]() 2004 Mar 05 14 Philips Semiconductors Product specification (67 + 1) × 102 pixels matrix LCD driver PCF8813 7.12 Mirror Y The MY bit allows vertical mirroring. When MY = 1, the Y address space is mirrored resulting in an upside-down display. The addressY=0 is then located at the bottom of the display (see Fig.11). When MY = 0, the mirroring is disabled and the address Y = 0 is located at top of the display (see Fig.12). A change in the state of MY has an immediate effect on the display and the effect of MY is visible immediately the bit is modified. This feature makes it possible to mount the device at the top or bottom of the display. handbook, full pagewidth MGU628 10 0 8 0 101 X address Y address Fig.11 Display data RAM format addressing; MY = 1. handbook, full pagewidth MGU627 0 10 8 0 101 X address Y address Fig.12 Display data RAM format addressing; MY = 0. |