| データシートサーチシステム |
|
PCF8813 データシート(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8813 データシート(HTML) 19 Page - NXP Semiconductors |
|
19 / 72 page ![]() 2004 Mar 05 19 Philips Semiconductors Product specification (67 + 1) × 102 pixels matrix LCD driver PCF8813 handbook, full pagewidth MGW747 SCE SCLK SDATA data data data data data data DB7 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 DB6 DB5 DB4 instruction display data string Fig.18 Transmission interrupted by SCE. 9.1.2 READ MODE The interface read mode means that the microcontroller reads data from the PCF8813. To do so the microcontroller first has to send a command, the read status command, and then the PCF8813 will respond by transmitting data on the SDOUT line. After that SCE is required to go HIGH before a new command is sent (see Fig.17). The PCF8813 samples SDATA at rising SCLK edges, but shifts SDOUT data at falling SCLK edges. Thus the microcontroller reads SDOUT data at rising SCLK edges. After the read status command has been sent, the SDATA line must be set to 3-state not later then at the falling SCLK edge of the last bit (see Fig.19). handbook, full pagewidth RES SCLK SDATA DB7 DB6 DB5 DB4 DB2 DB3 DB1 DB0 SDO instruction DB2 DB7 DB6 DB5 DB4 DB3 DB1 DB0 MGU629 read out data SCE Fig.19 SPI 3-line and 4-line read mode. |