| データシートサーチシステム |
|
HLMP-EG26-RU000 データシート(PDF) 5 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
HLMP-EG26-RU000 データシート(HTML) 5 Page - Agilent(Hewlett-Packard) |
|
5 / 12 page ![]() 5 Typical Viewing Color and Luminous Angle Dominant Lamps Without Standoffs Lamps With Standoffs Intensity Iv (mcd) [1,2] 2 θθθθθ1/2 Wavelength on Leads on Leads @ 20 mA (Deg.)[4] (nm), Typ.[3] (Outline Drawing A) (Outline Drawing B) Min. Max. Orange 605 HLMP-EJ24-QT000 HLMP-EJ26-QT000 1150 3200 HLMP-EJ24-RU000 HLMP-EJ26-RU000 1500 4200 HLMP-EH26-PS000 880 2500 Red-Orange 615 HLMP-EH24-QT000 HLMP-EH26-QT000 1150 3200 23º HLMP-EH24-RU000 HLMP-EH26-RU000 1500 4200 HLMP-EH24-SV000 HLMP-EH26-SV000 1900 5500 HLMP-EG24-PS000 HLMP-EG26-PS000 880 2500 Red 626 HLMP-EG24-QT000 HLMP-EG26-QT000 1150 3200 HLMP-EG24-RU000 HLMP-EG26-RU000 1500 4200 HLMP-EL30-MQ000 HLMP-EL32-MQ000 520 1500 HLMP-EL30-NR000 HLMP-EL32-NR000 680 1900 HLMP-EL30-PQ000 880 1500 HLMP-EL30-PQK00* 880 1500 HLMP-EL30-PR000 880 1900 HLMP-EL30-PR400** 880 1900 HLMP-EL30-PRK00* 880 1900 HLMP-EL30-PS000 HLMP-EL32-PS000 880 2500 30 ° Amber 590 HLMP-EL30-PSK00* 880 2500 HLMP-EL30-QRK00* 1150 1900 HLMP-EL30-QS000 1150 2500 HLMP-EL30-QS400** 1150 2500 HLMP-EL30-QT000 HLMP-EL32-QT000 1150 3200 HLMP-EL30-QTK00* 1150 3200 HLMP-EL30-ST000 1900 3200 HLMP-EL30-SU000 1900 4200 HLMP-EL30-SU400** 1900 4200 HLMP-EL30-SUK00* 1900 4200 Device Selection Guide (Continued) Notes: 1. The luminous intensity is measured on the mechanical axis of the lamp package. 2. The optical axis is closely aligned with the package mechanical axis. 3. The dominant wavelength, λ d, is derived from the CIE Chromaticity Diagram and represents the color of the lamp. 4. θ 1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity. 5. The intensity of narrow viewing angle lamps is measured at the intensity peak. Part numbers in bold are recommended for new designs. *HLMP-xLxx-xxK00 are selected to amber color bins 2 and 4 only. **HLMP-xLxx-xx400 are selected to amber color bin 4 only. |