| データシートサーチシステム |
|
HLMP-EG26-RU000 データシート(PDF) 7 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
HLMP-EG26-RU000 データシート(HTML) 7 Page - Agilent(Hewlett-Packard) |
|
7 / 12 page ![]() 7 HLMP - x x xx - x x x xx Mechanical Options 00: Bulk Packaging DD: Ammo Pack YY: Flexi-Bin; Bulk Packaging ZZ: Flexi-Bin; Ammo Pack Color Bin Selections 0: No color bin limitation 4: Amber color bin 4 only K: Amber color bins 2 and 4 only Maximum Intensity Bin 0: No Iv bin limitation Minimum Intensity Bin Viewing Angle & Lead Stand Offs 08: 6 deg without lead stand offs 10: 6 deg with lead stand offs 15: 15 deg without lead stand offs 17: 15 deg with lead stand offs 24: 23 deg without lead stand offs 26: 23 deg with lead stand offs 30: 30 deg without lead stand offs 32: 30 deg with lead stand offs Color G: 626 nm Red H: 615 nm Red-Orange J: 605 nm Orange L: 590 nm Amber Package E: 5 mm Round Part Numbering System |