データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C4SMM-RJY-CS24QBB1 データシート(PDF) 8 Page - Cree, Inc

部品番号 C4SMM-RJY-CS24QBB1
部品情報  Cree짰 Screen Master짰 4-mm Oval LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMM-RJY-CS24QBB1 データシート(HTML) 8 Page - Cree, Inc

  C4SMM-RJY-CS24QBB1 Datasheet HTML 1Page - Cree, Inc C4SMM-RJY-CS24QBB1 Datasheet HTML 2Page - Cree, Inc C4SMM-RJY-CS24QBB1 Datasheet HTML 3Page - Cree, Inc C4SMM-RJY-CS24QBB1 Datasheet HTML 4Page - Cree, Inc C4SMM-RJY-CS24QBB1 Datasheet HTML 5Page - Cree, Inc C4SMM-RJY-CS24QBB1 Datasheet HTML 6Page - Cree, Inc C4SMM-RJY-CS24QBB1 Datasheet HTML 7Page - Cree, Inc C4SMM-RJY-CS24QBB1 Datasheet HTML 8Page - Cree, Inc C4SMM-RJY-CS24QBB1 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
8
Copyright © 2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
8
Cree 4-mm Oval LED
C4SMM-RJY/GJY/BJY
REFLOW SOLDERING
The LED soldering specification is shown below(suitable for both leaded solder & lead-free solder):
Manual Soldering
Solder Dipping
Soldering iron
35 W max
Preheat
110 ºC max
Temperature
300 ºC max
Preheat time
60 seconds max
Solder-bath temperature 260 ºC Max
Soldering time
3 seconds max
Dipping time
5 seconds max
Position
Not less than 3 mm from the base of the package.
Position
Not less than 3 mm from the base of the package.
• Manual soldering onto the PCB is not recommended because soldering time is uncontrollable.
• The recommended wave soldering is as below:
10
20
30
40
50
60
70
80
90
100
110
120
0
30
150
100
300
250
200
50
Times (sec)
laminar wave
Fluxing
Preheat
•
Do not apply any stress to the LED package, particularly when heated.
•
Only bottom preheat is suggested & should not preheat on top in order to reduce thermal stress experienced by the
LEDs.
•
The LEDs must not be re used once they have been extracted from PCB.
•
After soldering the LEDs, the package should be protected from mechanical shock or vibration until the LEDs have
reached 40 ºC or below.
•
Precautions must be taken as mechanical stress on the LEDs may be caused by PCB warpage or from the clinching
and cutting of the LED leads.
•
When it is necessary to clam the LEDs during soldering, it is important to ensure no mechanical stress is exerted on
the LEDs.
•
Cut the LED lead at normal room temperature. Lead cutting at high temperature may cause failure of the LEDs.
Refer to "http://www.cree.com/led-components/media/documents/sh-HB.pdf" for soldering & handling details.



Html Pages

1 2 3 4 5 6 7 8 9