| データシートサーチシステム |
|
C4SMM-RJY-CS24QBB1 データシート(PDF) 2 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C4SMM-RJY-CS24QBB1 データシート(HTML) 2 Page - Cree, Inc |
|
2 / 9 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 2 Copyright © 2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 2 Cree 4-mm Oval LED C4SMM-RJY/GJY/BJY ABSOLUTE MAXIMUM RATINGS (T A = 25°C) Items Symbol Absolute Maximum Rating Unit Red Blue and Green Forward Current I F 50 Note1 35 mA Peak Forward Current Note2 I FP 200 100 mA Reverse Voltage V R 5 5 V Power Dissipation P D 130 140 mW Operation Temperature T opr -40 ~ +95 °C Storage Temperature T stg -40 ~ +100 °C Lead Soldering Temperature T sol Max. 260°C for 3 sec. max. (3 mm from the base of the epoxy bulb) Electrostatic Discharge Classification (MIL-STD-883E) ESD Class 2 Note: 1. For long term performance the drive currents between 10mA and 30mA are recommended. Please contact CREE sales representative for more information on recommended drive conditions. 2. Pulse width ≤0.1 msec, duty ≤1/10. TYPICAL ELECTRICAL & OPTICAL CHARACTERISTICS (T A = 25°C) Characteristics Color Symbol Condition Unit Minimum Typical Maximum Forward Voltage Red V F I F = 15 mA V 2.0 2.6 Green V F I F = 10 mA V 2.9 3.8 Blue V F I F = 10 mA V 3.0 3.8 Reverse Current Red I R V R = 5 V μA 100 Blue/Green I R V R = 5 V μA 100 Dominant Wavelength Red λ D I F = 15 mA nm 619 621 624 Green λ D I F = 10 mA nm 520 527 540 Blue λ D I F = 10 mA nm 460 472 475 Luminous Intensity Red I V I F = 15 mA mcd 715 1050 Green I V I F = 10 mA mcd 1205 1800 Blue I V I F = 10 mA mcd 240 380 Note: Continuous reverse voltage can cause LED damage. |