データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GPR25L25605F データシート(PDF) 5 Page - Generalplus Technology Inc.

部品番号 GPR25L25605F
部品情報  256M-bit [x 1/x 2/x 4] CMOS Serial Flash
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENERALPLUS [Generalplus Technology Inc.]
ホームページ  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPR25L25605F データシート(HTML) 5 Page - Generalplus Technology Inc.

  GPR25L25605F Datasheet HTML 1Page - Generalplus Technology Inc. GPR25L25605F Datasheet HTML 2Page - Generalplus Technology Inc. GPR25L25605F Datasheet HTML 3Page - Generalplus Technology Inc. GPR25L25605F Datasheet HTML 4Page - Generalplus Technology Inc. GPR25L25605F Datasheet HTML 5Page - Generalplus Technology Inc. GPR25L25605F Datasheet HTML 6Page - Generalplus Technology Inc. GPR25L25605F Datasheet HTML 7Page - Generalplus Technology Inc. GPR25L25605F Datasheet HTML 8Page - Generalplus Technology Inc. GPR25L25605F Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
GPR25L25605F
© Generalplus Technology Inc.
Proprietary & Confidential
5
Jan 21, 2013
Version: 1.0
for erase command is executed on sector (4K-byte), block
(32K-byte), or block (64K-byte), or whole chip basis.
To provide user with ease of interface, a status register is included
to indicate the status of the chip. The status read command can
be issued to detect completion status of a program or erase
operation via WIP bit.
Advanced security features enhance the protection and security
functions, please see security features section for more details.
When the device is not in operation and CS# is high, it is put in
standby mode.
The GPR25L25605F utilizes proprietary memory cell, which
reliably stores memory contents even after 100,000 program and
erase cycles.
Table 1. Read Performance Comparison
Numbers
of
Dummy Cycles
Fast Read (MHz)
Dual Output Fast
Read (MHz)
Quad Output Fast
Read (MHz)
Dual IO Fast Read
(MHz)
Quad
IO
Fast
Read (MHz)
4
-
-
-
84*
70
6
104
104
84
104
84*
8
104*
104*
104*
104
104
10
133
133
133
133
133
Note:
*means default status
3. PIN CONFIGURATIONS
3.1. 16-PIN SOP (300mil)
4. PIN DESCRIPTION
Symbol
Description
CS#
Chip Select
SI/SIO0
Serial Data Input (for 1 x I/O)/ Serial Data
Input & Output (for 2xI/O or 4xI/ O read mode)
SO/SIO1
Serial Data Output (for 1 x I/O)/ Serial Data
Input & Output (for 2xI/O or 4xI/ O read mode)
SCLK
Clock Input
WP#/SIO2
Write protection: connect to GND or Serial
Data Input & Output (for 4xI/O read mode)
NC/SIO3
No Connection or Serial Data Input &
Output (for 4xI/O read mode)
RESET#*
Hardware Reset Pin Active low
VCC
+ 3V Power Supply
GND
Ground
NC
No Connection
Note:
RESET# pin has internal pull up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com