データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GPR25L25605F データシート(PDF) 7 Page - Generalplus Technology Inc.

部品番号 GPR25L25605F
部品情報  256M-bit [x 1/x 2/x 4] CMOS Serial Flash
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENERALPLUS [Generalplus Technology Inc.]
ホームページ  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPR25L25605F データシート(HTML) 7 Page - Generalplus Technology Inc.

Back Button GPR25L25605F Datasheet HTML 3Page - Generalplus Technology Inc. GPR25L25605F Datasheet HTML 4Page - Generalplus Technology Inc. GPR25L25605F Datasheet HTML 5Page - Generalplus Technology Inc. GPR25L25605F Datasheet HTML 6Page - Generalplus Technology Inc. GPR25L25605F Datasheet HTML 7Page - Generalplus Technology Inc. GPR25L25605F Datasheet HTML 8Page - Generalplus Technology Inc. GPR25L25605F Datasheet HTML 9Page - Generalplus Technology Inc. GPR25L25605F Datasheet HTML 10Page - Generalplus Technology Inc. GPR25L25605F Datasheet HTML 11Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
GPR25L25605F
© Generalplus Technology Inc.
Proprietary & Confidential
7
Jan 21, 2013
Version: 1.0
6. DATA PROTECTION
During power transition, there may be some false system level
signals which result in inadvertent erasure or programming. The
device is designed to protect itself from these accidental write
cycles.
The state machine will be reset as standby mode automatically
during power up. In addition, the control register architecture of
the device constrains that the memory contents can only be
changed after specific command sequences have completed
successfully.
In the following, there are several features to protect the system
from the accidental write cycles during VCC power-up and
power-down or from system noise.
• Valid command length checking: The command length will be
checked whether it is at byte base and completed on byte
boundary.
• Write Enable (WREN) command: WREN command is required to
set the Write Enable Latch bit (WEL) before other command to
change data.
The WEL bit will return to reset stage under
following situation:
- Power-up
- Reset# pin driven low
- WRDI command completion
- WRSR command completion
- PP/PP4B command completion
- 4PP/4PP4B command completion
- SE/SE4B command completion
- BE32K/BE32K4B command completion
- BE/BE4B command completion
- CE command completion
- PGM/ERS Suspend command completion
- Softreset command completion
- WRSCUR command completion
- WPSEL command completion
- GBLK command completion
- GBULK command completion
- WREAR command completion
- WRLR command completion
- WRPASS command completion
- RDPASS command completion
- SPBLK command completion
- WRSPB command completion
- ESSPB command completion
- WRDPB command completion
- WRFBR command completion
- ESFBR command completion
• Deep Power Down Mode: By entering deep power down mode,
the flash device also is under protected from writing all commands
except Release from deep power down mode command (RDP)
and Read Electronic Signature command (RES), Erase/Program
suspend command, Erase/Program resume command and
softreset command.
• Advanced Security Features: there are some protection and
security features which protect content from inadvertent write and
hostile access.
I. Block lock protection
- The Software Protected Mode (SPM) use (BP3, BP2, BP1, BP0
and T/B) bits to allow part of memory to be protected as read
only.
The protected area definition is shown as Table 2
Protected Area Sizes, the protected areas are more flexible
which may protect various area by setting value of BP0-BP3 bits.
- The Hardware Protected Mode (HPM) use WP#/SIO2 to protect
the (BP3, BP2, BP1, BP0) bits and Status Register Write Protect
bit.
- In four I/O and QPI mode, the feature of HPM will be disabled.
Table2. Protected Area Sizes
Protected Area Sizes (TB bit = 0)
Status bit
Protect Level
BP3
BP2
BP1
BP0
256Mb
0
0
0
0
0 (none)
0
0
0
1
1 (1 block, protected block 511st)
0
0
1
0
2
(2
blocks,
protected
block
510th~511st)
0
0
1
1
3
(4
blocks,
protected
block
508th~511st)
0
1
0
0
4
(8
blocks,
protected
block
504th~511st)
0
1
0
1
5 (16 blocks, protected block
496th~511st)
0
1
1
0
6 (32 blocks, protected block
480th~511st)
0
1
1
1
7 (64 blocks, protected block
448th~511st)
1
0
0
0
8 (128 blocks, protected block
384th~511st)
1
0
0
1
9 (256 blocks, protected block
256th~511st)
1
0
1
0
10 (512 blocks, protected all)
1
0
1
1
11 (512 blocks, protected all)
1
1
0
0
12 (512 blocks, protected all)
1
1
0
1
13 (512 blocks, protected all)
1
1
1
0
14 (512 blocks, protected all)
1
1
1
1
15 (512 blocks, protected all)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com