| データシートサーチシステム |
|
A19350LUBATN-RBE データシート(PDF) 9 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
A19350LUBATN-RBE データシート(HTML) 9 Page - Allegro MicroSystems |
|
9 / 14 page ![]() High Accuracy GMR Wheel Speed and Direction Sensor IC A19350 9 Allegro MicroSystems, LLC 955 Perimeter Road Manchester, NH 03103-3353 U.S.A. www.allegromicro.com Calibration and Direction Validation When power is applied to the A19350, the built-in algorithm per- forms an initialization routine. For a short period after power-on, the device calibrates itself and determines the direction of target rotation. For the -xPx variant, the output transmits non-direction pulses during calibration (Figure 12). For the -xBx variant, the output does not transmit any pulses during calibration. Once the calibration routine is complete, the A19350 will trans- mit accurate speed and direction information. Figure 12: Calibration Behavior of the -xPx Variant Target Rotation SS NN SS NN N tor W(FWD) W(REV) t tW(FWD) tW(FWD) tW(FWD) tor W(FWD) W(REV) t Target Differential Magnetic Profile t Opposite North Pole Opposite South Pole Opposite N→S Boundary Opposite S→N Boundary ICC Device Location at Power-On |