| データシートサーチシステム |
|
A19350LUBATN-RBE データシート(PDF) 10 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
A19350LUBATN-RBE データシート(HTML) 10 Page - Allegro MicroSystems |
|
10 / 14 page ![]() High Accuracy GMR Wheel Speed and Direction Sensor IC A19350 10 Allegro MicroSystems, LLC 955 Perimeter Road Manchester, NH 03103-3353 U.S.A. www.allegromicro.com Direction Changes, Vibrations, and Anomalous Events During normal operation, the A19350 will be exposed to changes in the direction of target rotation (Figure 13), vibrations of the target (Figure 14), and anomalous events such as sudden air gap changes. These events cause temporary uncertainty in the A19350’s internal direction detection algorithm. The -xPx variant may transmit non-direction pulses during vibra- tions, while the -xBx variant will not transmit any pulses during vibrations. N S N S N S N N S tW(FWD) Forward Rota�on Reverse Rota�on Direc�on Change Target Differen�al Magne�c Profile ICC tW(REV) Figure 13: Direction Change Behavior Figure 14: Vibration Behavior NormalTarget Rotation NormalTarget Rotation S S S NN S S N NN tW(FWD) tW(FWD) tW(FWD) tW(REV) tW(FWD) [or ] tW(REV) [or ] tW(REV) tW(FWD) W(REV) t Target Differential Magnetic Profile Vibration [or ] tW(REV) [or ] tW(FWD) [or ] tW(REV) or |