| データシートサーチシステム |
|
PCD6003 データシート(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD6003 データシート(HTML) 16 Page - NXP Semiconductors |
|
16 / 96 page ![]() 2001 Apr 17 16 Philips Semiconductors Product specification Digital telephone answering machine chip PCD6003 9.2.1 SELECTION OF SYSTEM CLOCKS Selection of system clocks involves: • Selection of the crystal input clock in conjunction with PLL on/off selection (SYMOD register) • Selection of clocks for the DSP, microcontroller and CODEC, together with microcontroller timing interrupt rates (CKCON register) • Activation, deactivation of individual clocks or deactivation of the whole TICB in order to get an optimum power consumption (SPCON register). SYMOD, SPCON and CKCON are SFR registers in the digital section which can be directly accessed by the microcontroller. Sections 9.2.2 to 9.2.4 summarize the control registers and settings used for system clock selection. The activation of the DSP, and the digital part of both CODECs is controlled via the SPCON SFR. The clock rates of the DSP and microcontroller, and the microcontroller timing interrupt rates are set via the CKCON SFR. 9.2.2 ANALOG SYSTEM MODE REGISTER (SYMOD) Table 3 Analog System Mode Register (SFR address C5H); reset state 00H 9.2.3 SYSTEM POWER AND CLOCK CONFIGURATION REGISTER (SPCON) Table 4 System Power and Clock Configuration Register (SFR address 99H); reset state 00H 9.2.4 CLOCK CONTROL REGISTER (CKCON) Table 5 Clock Control Register (SFR address 9AH); reset state 00H 76 5 4 3 2 1 0 input clock 1 input clock 0 PLL off/on VMIC off/on CODEC2; analog CODEC1; analog D/A (loudspeaker) off/on A/D (microphone) off/on D/A (to_line) off/on A/D (from_line) off/on 76 5 4 3 2 1 0 system off spare spare DSP on CODEC2; digital CODEC1; digital D/A (loudspeaker) off/on A/D (microphone) off/on D/A (to_line) off/on A/D (from_line) off/on 7 6 5432 1 0 EMG mode RTC mode DSP clock 1 DSP clock 0 micro clock 1 micro clock 0 FS_event 1 FS_event 0 |