| データシートサーチシステム |
|
PCD6003 データシート(PDF) 27 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD6003 データシート(HTML) 27 Page - NXP Semiconductors |
|
27 / 96 page ![]() 2001 Apr 17 27 Philips Semiconductors Product specification Digital telephone answering machine chip PCD6003 Table 14 Allocation of interrupt sources Notes 1. For some C-compilers ‘1’ has to be added to this number. 2. The interrupt controller supports up to 15 interrupt sources, each with a 2-level (high or low) priority. High priority interrupt is always serviced before a low priority interrupt, but within the high and low levels, interrupts are serviced in the order shown in this column. VECTOR SOURCE NUMBER(1) PRIORITY(2) DESCRIPTION IENx/IPx 0003 EX0 0 1 external interrupt 0 IEN0.0/IP0.0 000B T0 1 4 Timer 0 interrupt IEN0.1/IP0.1 0013 EX1 2 7 external interrupt 1 IEN0.2/IP0.2 001B T1 3 10 Timer 1 interrupt IEN0.3/IP0.3 0023 MSK_event 4 13 MSK RI or TI interrupt IEN0.4/IP0.4 002B TIME_event 5 2 TIME interrupt IEN0.5/IP0.5 0033 FS_event 6 5 FS interrupt IEN0.6/IP0.6 003B EX2 7 8 external interrupt 2 IEN1.0/IP1.0 0043 EX3 8 11 external interrupt 3 IEN1.1/IP1.1 004B EX4 9 14 external interrupt 4 IEN1.2/IP1.2 0053 EX5 10 3 external interrupt 5 IEN1.3/IP1.3 005B EX6 11 6 external interrupt 6 IEN1.4/IP1.4 0063 I2C-bus 12 9 I2C-bus interrupt IEN1.5/IP1.5 006B DSP_event 13 12 DSP interrupt IEN1.6/IP1.6 0073 RTC_event 14 15 RTC interrupt IEN1.7/IP1.7 handbook, full pagewidth MGM773 P1.7 P1.6 P1.5 P1.4 P1.3 P1.2 P1.1 P1.0 IX1 IEN1 RTC FS TIME EX6 EX5 EX4 EX3 EX2 IRQ1 RTC_event DSP_event TIME_event Fig.9 Port 1 external interrupt configuration. |