| データシートサーチシステム |
|
STV5348/T データシート(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV5348/T データシート(HTML) 8 Page - STMicroelectronics |
|
8 / 30 page ![]() STV5348 - STV5348/H - STV5348/T 8/30 Figure 7. Master Synchronization Mode - Delivered Composite Synchronization Signal Figure 8. Slave Synchronization Mode Figure 9. Data Valid Timing (DV) VCS, TCS (interlaced) VCS, TCS (interlaced) TCS (non-interlaced) 621 (308) 622 (309) 623 (310) 624 (311) 625 (312) 12 345 6 309 310 311 312 313 314 (1) 315 (2) 316 (3) 317 (4) 318 (5) 319 (6) 308 309 310 311 312 1 2 3 4 5 6 The number positions indicate the end of lines. Internal signals : - VCS composite synchro from CVBS signal, - TCS Teletext composite synchro. POL grounded, Inputs Signals : LFB line flyback synchro on Pin 5 FFB field flyback synchro on Pin 6 or SCS synchro composite signal on Pins 5 and 6 +5V SCS LFB FFB 4 2 5 6 POL MA/SL POL to V DD, Inputs Signals : are LFB line flyback synchro on Pin 5 FFB field flyback synchro on Pin 6 or SCS synchro composite signal on Pins 5 and 6 +5V are Line 16 Field 0 DV for VPS Data Field 1 Field 0 |