| データシートサーチシステム |
|
STV5348/T データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV5348/T データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 30 page ![]() STV5348 - STV5348/H - STV5348/T 12/30 Table 11. Register Specification Note (1). Reserved register bits: must be set to 0. D7 D6 D5 D4 D3 D2 D1 D0 X24 POSITION FREE RUNNING PLL 0DISABLE ROLLING HEADER (1) EVEN OFF (1) SEL 11B (1) 7 + P/ 8 BIT ACQ. ON/OFF GHOST ROW ENABLE DEW/ FULL FIELD TCS ON T1 T0 (1) BANK SELECT A2 ACQ. CCT A1 ACQ. CCT A0 TB START COLUMN SC2 START COLUMN SC1 START COLUMN SC0 (1) (1) (1) PRD4 PRD3 PRD2 PRD1 PRD0 (1) (1) (1) (1) (1) A2 A1 A0 BKGND OUT BKGND IN COR OUT COR IN TEXT OUT TEXT IN PON OUT PON IN BKGND OUT BKGND IN COR OUT COR IN TEXT OUT TEXT IN PON OUT PON IN STATUS ROW BTM/TOP CURSOR ON/OFF CONCEAL/ REVEAL TOP/ BOTTOM SINGLE/ DOUBLE HEIGHT BOX ON 24 BOX ON 1-23 BOX ON 0 (1) (1) (1) VPS ENABLE CLEAR MEM. A2 A1 A0 (1) (1) (1) R4 R3 R2 R1 R0 (1) (1) C5 C4 C3 C2 C1 C0 D7 (R/W) D6 (R/W) D5 (R/W) D4 (R/W) D3 (R/W) D2 (R/W) D1 (R/W) D0 (R/W) 60Hz 00 0 00DATA QUAL VCS QUAL R0 Mode 0 R1 Mode 1 R2 Page request address R3 Page request data R4 Display chapter R5 Display control (normal) R6 Display control (newsflash / subtitle) R7 Display mode R8 Active chapter R9 Active row R10 Active column R11A Active data R11B Status |