データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LE40C データシート(PDF) 3 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LE40C
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE40C データシート(HTML) 3 Page - GigaDevice Semiconductor (Beijing) Inc.

  GD25LE40C Datasheet HTML 1Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 2Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE40C Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
3
7.33
READ SERIAL FLASH DISCOVERABLE PARAMETER (5AH)................................................................................................. 44
8
ELECTRICAL CHARACTERISTICS
..............................................................................................................49
8.1
POWER-ON TIMING ........................................................................................................................................... 49
8.2
INITIAL DELIVERY STATE ..................................................................................................................................... 49
8.3
ABSOLUTE MAXIMUM RATINGS ........................................................................................................................ 49
8.4
CAPACITANCE MEASUREMENT CONDITIONS .................................................................................................... 50
8.5
DC CHARACTERISTICS......................................................................................................................................... 51
8.6
AC CHARACTERISTICS......................................................................................................................................... 54
9
ORDERING INFORMATION
............................................................................................................................61
9.1
VALID PART NUMBERS ............................................................................................................................................ 62
10
PACKAGE INFORMATION
.........................................................................................................................65
10.1
PACKAGE SOP8 150MIL ........................................................................................................................................ 65
10.2
PACKAGE SOP8 208MIL ........................................................................................................................................ 66
10.3
PACKAGE VSOP8 150MIL ...................................................................................................................................... 67
10.4
PACKAGE VSOP8 208MIL ...................................................................................................................................... 68
10.5
PACKAGE USON8 (3*2MM, 0.45MM THICKNESS) ...................................................................................................... 69
10.6
PACKAGE USON8 (3*3MM).................................................................................................................................... 70
10.7
PACKAGE USON8 (3*4MM).................................................................................................................................... 71
10.8
PACKAGE USON8 (4*4MM, 0.45MM THICKNESS) ...................................................................................................... 72
10.9
PACKAGE WSON8 (6*5MM)................................................................................................................................... 73
11
REVISION HISTORY
....................................................................................................................................74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com