データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD8003 データシート(PDF) 3 Page - SHOUDING Shouding Semiconductor

部品番号 SD8003
部品情報  Standalone Linear Li-Lon Battery Charger with Thermal Regulation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SHOUDING [SHOUDING Shouding Semiconductor]
ホームページ  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD8003 データシート(HTML) 3 Page - SHOUDING Shouding Semiconductor

  SD8003 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD8003 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD8003 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD8003 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD8003 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD8003 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD8003 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
The SD8003 is guaranteed to meet performance specif
3
P
Piin
n D
De
es
sc
crriip
pttiio
on
n
CHRG (Pin 1): Open-Drain Charge Status Output. When the battery is charging, the CHRG pin is pulled
low by an internal N-channel MOSFET. When the charge cycle is completed, high impedance is forced
to the CHRG pin and LD (pin 5) is pulled low, indicating an “AC present” condition.
GND (Pin 2): Ground.
BAT (Pin 3): Charge Current Output. It should be bypassed with at least a 1uF capacitor. It Provides
charge current to the battery and regulates the final float voltage to 4.2V. An internal precision resistor
divider from this pin sets the float voltage which is disconnected in shutdown mode.
VCC (Pin 4): Positive Input Supply Voltage. It Provides power to the charger VCC can range from 4.5V
LD (Pin 5): Open-Drain Charge Status Output. See CHRG pin (Pin 1).
PROG (Pin 6): Charge Current Program, Charge Current Monitor and Shutdown Pin. The charge
current is programmed by connecting a 1% resistor, RPROG, to ground. When charging in
constant-current mode, this pin servos to 1V. In all modes, the voltage on this pin can be used to
measure the charge current using the following formula: IBAT = (VPROG/RSET)*900.
A
Ab
bs
so
ollu
utte
e M
Ma
ax
xiim
mu
um
m R
Ra
attiin
ng
gs
s ((N
No
otte
e 1
1))
Input Supply Voltage (VCC) ........................................................................................ –0.3V to 7V
PROG............................................................................................................. – 0.3V to VCC + 0.3V
BAT ......................................................................................................................... –0.3V to 7V
CHRG..................................................................................................................... –0.3V to 7V
BAT Pin Current ..................................................................................................................... 800mA
Maximum Junction Temperature .............................................................................................. 125
Operating Ambient Temperature Range (Note 2)........................................................ –40
℃ to 85℃
Storage Temperature Range …………………………………………….................. –65
℃to 125℃
Lead Temperature (Soldering, 10 sec)..................................................................................... 300
Note 1: Absolute Maximum Ratings are those values beyond which the life of the device may be impaired.
Note 2:
ications from 0°C to 70°C. Specifications over the
–40°C to 85°C operating temperature range are assur ed by design, characterization and correlation with statistical
process controls.
to 6V and should be bypassed with at least a 10uf capacitor.
http://www.shouding.net
Shouding
Shouding
SD8003



Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com