データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD8003 データシート(PDF) 1 Page - SHOUDING Shouding Semiconductor

部品番号 SD8003
部品情報  Standalone Linear Li-Lon Battery Charger with Thermal Regulation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SHOUDING [SHOUDING Shouding Semiconductor]
ホームページ  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD8003 データシート(HTML) 1 Page - SHOUDING Shouding Semiconductor

  SD8003 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD8003 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD8003 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD8003 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD8003 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD8003 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD8003 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SD8003 ideally suited for portable applications.
SD8003 -
The SD8003 converters are available in the
The SD8003
automatically
terminates
the
Furthermore,
the SD8003
is
specifically
The SD8003
is
a
complete
1
F
Fe
ea
attu
urre
es
s
Programmable Charge Current Up to
500mA
No MOSFET, Sense Resistor or Blocking
Diode Required
Constant-Current/Constant-Voltage
Operation with Thermal Regulation
to
Maximize Charge Rate
Without Risk of Overheating
Charges Single Cell Li-Ion Batteries
Directly from USB Port
Preset 4.2V Charge Voltage with
1%
Accuracy
Automatic Recharge
2.9V Trickle Charge Threshold
Available in 6-Lead SOT-23 Package
A
Ap
pp
plliic
ca
attiio
on
ns
s
Charger for Li-Ion Coin Cell Batteries
Portable MP3 Players, Wireless Headsets
Bluetooth Applications
Multifunction Wristwatches
D
De
es
sc
crriip
pttiio
on
n
constant-current/constant voltage linear charger
for single cell lithium-ion batteries. Its package
and low external component count make the
designed
to
work
within
USB
power
specifications.
No external sense resistor is needed, and no
blocking diode is required due to the internal
MOSFET architecture. The charge voltage is
fixed at 4.2V, and the charge current can be
programmed externally with a single resistor.
charge cycle when the charge current drops to
1/10
th the programmed value after the final float
voltage is reached.
industry standard SOT-23-6L power packages
(or upon request).
O
Orrd
de
err IIn
nffo
orrm
ma
attiio
on
n
① ② :
SYMBOL
DESCRIPTION
Denotes Output voltage:
N: 4.2V
Denotes Package Types:
E: SOT-23-6L
S
Stta
an
nd
da
allo
on
ne
e L
Liin
ne
ea
arr L
Lii--L
Lo
on
n B
Ba
atttte
erry
y
C
Ch
ha
arrg
ge
err w
wiitth
h T
Th
he
errm
ma
all R
Re
eg
gu
ulla
attiio
on
n
Shouding
Shouding
SD8003
http://www.shouding.net


同様の部品番号 - SD8003

メーカー部品番号データシート部品情報
logo
Extech Instruments Corp...
SD800 EXTECH-SD800 Datasheet
194Kb / 1P
CO2/Humidity/Temperature Datalogger
logo
SHOUDING Shouding Semic...
SD8001 SHOUDING-SD8001 Datasheet
1Mb / 11P
Linear Li-Ion Battery Charger
SD8002A SHOUDING-SD8002A Datasheet
1Mb / 10P
3W Mono with Shutdown Mode Audio Power Amplifier
SD8002D SHOUDING-SD8002D Datasheet
635Kb / 3P
3W Mono with Shutdown Mode Audio Power Amplifier
logo
International Rectifier
SD800C IRF-SD800C Datasheet
246Kb / 8P
STANDARD RECOVERY DIODES Hockey Puk Version
More results

同様の説明 - SD8003

メーカー部品番号データシート部品情報
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
TECHCODE SEMICONDUCTOR,...
TD9054 TECHCODE-TD9054 Datasheet
320Kb / 9P
Standalone Linear Li-lon Battery Charger with Thermal Regulation
TD9056 TECHCODE-TD9056 Datasheet
427Kb / 10P
1A Standalone Linear Li-lon Battery Charger with Thermal Regulation
logo
SHOUDING Shouding Semic...
SD6003 SHOUDING-SD6003 Datasheet
332Kb / 7P
Standalone Linear Li-Lon Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
First Silicon Co., Ltd
FC9054 FS-FC9054 Datasheet
764Kb / 8P
0.8A Standalone Linear Li-lon Battery Charger with Thermal Regulation
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057D HMSEMI-HM4057D Datasheet
314Kb / 6P
Standalone Linear Li-Lon Battery Charger with Thermal Regulation
logo
AiT Semiconductor Inc.
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
logo
List of Unclassifed Man...
TP4056 ETC2-TP4056 Datasheet
48Kb / 3P
1A Standalone Linear Li-lon Battery Charger with Thermal Regulation in SOP-8
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com