データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STTH5R06D データシート(PDF) 1 Page - STMicroelectronics

部品番号 STTH5R06D
部品情報  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH5R06D データシート(HTML) 1 Page - STMicroelectronics

  STTH5R06D Datasheet HTML 1Page - STMicroelectronics STTH5R06D Datasheet HTML 2Page - STMicroelectronics STTH5R06D Datasheet HTML 3Page - STMicroelectronics STTH5R06D Datasheet HTML 4Page - STMicroelectronics STTH5R06D Datasheet HTML 5Page - STMicroelectronics STTH5R06D Datasheet HTML 6Page - STMicroelectronics STTH5R06D Datasheet HTML 7Page - STMicroelectronics STTH5R06D Datasheet HTML 8Page - STMicroelectronics STTH5R06D Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
®
1/9
Table 1: Main Product Characteristics
IF(AV)
5 A
VRRM
600 V
Tj
175°C
VF (typ)
1.4 V
trr (max)
40 ns
STTH5R06
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Table 3: Absolute Ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS) RMS forward voltage
TO-220AC / TO-220FPAC / D2PAK
20
A
DPAK
10
IF(AV)
Average forward current
TO-220AC / DPAK
/ D2PAK
Tc = 135°C
δ = 0.5
5
A
TO-220FPAC
Tc = 105°C
δ = 0.5
5
IFSM
Surge non repetitive forward current
tp = 10ms sinusoidal
50
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature
175
°C
K
A
TO-220AC
STTH5R06D
K
A
TO-220FPAC
STTH5R06FP
K
A
NC
D2PAK
STTH5R06G
K
A
NC
DPAK
STTH5R06B
September 2004
REV. 4
FEATURES AND BENEFITS
■
Ultrafast switching
■
Low reverse recovery current
■
Low thermal resistance
■
Reduces switching losses
DESCRIPTION
The STTH5R06, which is using ST Turbo 2 600V
technology, is specially suited as boost diode in
continuous mode power factor corrections and
hard switching conditions. This device is also
intended for use as a free wheeling diode in power
supplies and other power switching applications.
Table 2: Order Codes
Part Number
Marking
STTH5R06D
STTH5R06D
STTH5R06FP
STTH5R06FP
STTH5R06B
STTH5R06B
Part Number
Marking
STTH5R06B-TR
STTH5R06B
STTH5R06G
STTH5R06G
STTH5R06G-TR
STTH5R06G


同様の部品番号 - STTH5R06D

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Oct-2002
STTH5R06DJF STMICROELECTRONICS-STTH5R06DJF Datasheet
180Kb / 9P
High energy avalanche capability
16-Mar-2012
More results

同様の説明 - STTH5R06D

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Jul-2002
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Oct-2002
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
10-Sep-2004
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
Turbo 2 ultrafast high voltage rectifier
15-Dec-2006
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Dec-2007
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
Turbo 2 ultrafast high voltage rectifier
16-Apr-2008
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
Turbo 2 ultrafast high voltage rectifier
05-Oct-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9