| データシートサーチシステム |
|
STTH5R06D データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTH5R06D データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 9 page ![]() STTH5R06 2/9 Table 4: Thermal Resistance Table 5: Static Electrical Characteristics Pulse test: * tp = 5 ms, δ < 2% ** tp = 380 µs, δ < 2% To evaluate the conduction losses use the following equation: P = 1.164 x IF(AV) + 0.128 IF 2 (RMS) Table 6: Dynamic Characteristics Symbol Parameter Value (max). Unit Rth(j-c) Junction to case TO-220AC / DPA / D2PAK 3.0 °C/W TO-220FPAC 5.5 Symbol Parameter Test conditions Min. Typ Max. Unit IR * Reverse leakage current Tj = 25°C VR = VRRM 20 µA Tj = 125°C 25 250 VF ** Forward voltage drop Tj = 25°C IF = 5A 2.9 V Tj = 125°C 1.4 1.8 Symbol Parameter Test conditions Min. Typ Max. Unit trr Reverse recovery time Tj = 25°C IF = 0.5A Irr = 0.25A IR =1A 25 ns IF = 1A dIF/dt = -50 A/µs VR =30V 40 IRM Reverse recovery current Tj = 125°C IF = 5A VR = 400V dIF/dt = -200 A/µs 5.0 6.0 A S factor Softness factor 0.35 Qrr Reverse recovery charges 110 nC tfr Forward recovery time Tj = 25°C IF = 5A dIF/dt = 40 A/µs VFR = 1.1 x VFmax 150 ns VFP Forward recovery voltage Tj = 25°C IF = 5A dIF/dt = 40 A/µs VFR = 1.1 x VFmax 4.5 V Figure 1: Conduction losses versus average current Figure 2: Forward voltage drop versus forward current 0 1 2 3 4 5 6 7 8 9 10 11 12 13 0123 4567 P(W) T δ=tp/T tp δ = 0.05 δ = 0.1 δ = 0.2 δ = 0.5 δ = 1 I (A) F(AV) 0 5 10 15 20 25 30 35 40 45 50 012 3456 I (A) FM V (V) FM T =25°C (maximum values) j T =125°C (maximum values) j T =125°C (typical values) j |