データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM186EM-33VC/W データシート(PDF) 7 Page - Advanced Micro Devices

部品番号 AM186EM-33VC/W
部品情報  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM-33VC/W データシート(HTML) 7 Page - Advanced Micro Devices

Back Button AM186EM-33VC/W Datasheet HTML 3Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 4Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 5Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 6Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 7Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 8Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 9Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 10Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 98 page
background image
Am186/188EM and Am186/188EMLV Microcontrollers
7
P R E L IMINAR Y
LIST OF FIGURES
Figure 1.
Example System Design ........................................................................................ 10
Figure 2.
Two-Component Address ...................................................................................... 34
Figure 3.
Am186EM Microcontroller Address Bus—Normal Read and Write Operation ...... 35
Figure 4.
Am186EM Microcontroller—Read and Write with Address Bus
Disable In Effect ..................................................................................................... 36
Figure 5.
Am188EM Microcontroller Address Bus—Normal Read and Write Operation ...... 36
Figure 6.
Am188EM Microcontroller—Read and Write with Address Bus
Disable In Effect ..................................................................................................... 37
Figure 7.
Peripheral Control Block Register Map .................................................................. 39
Figure 8.
Am186EM and Am188EM Microcontrollers Oscillator Configurations ................... 41
Figure 9.
Clock Organization ................................................................................................ 42
Figure 10.
DMA Unit Block Diagram ....................................................................................... 47
Figure 11.
Synchronous Serial Interface Multiple Write .......................................................... 49
Figure 12.
Synchronous Serial Interface Multiple Read .......................................................... 49
Figure 13.
Typical ICC Versus Frequency for the Am186EMLV and Am188EMLV ................ 53
Figure 14.
Typical ICC Versus Frequency for the Am186EM and Am188EM ......................... 53
Figure 15.
Thermal Resistance(
°C/Watt) ................................................................................ 54
Figure 16.
Thermal Characteristics Equations ........................................................................ 54
Figure 17.
Typical Ambient Temperatures for PQFP with 2-Layer Board ............................... 56
Figure 18.
Typical Ambient Temperatures for TQFP with 2-Layer Board ............................... 57
Figure 19.
Typical Ambient Temperatures for PQFP with 4-Layer to 6-Layer Board ............. 58
Figure 20.
Typical Ambient Temperatures for TQFP with 4-Layer to 6-Layer Board .............. 59
LIST OF TABLES
Table 1.
Data Byte Encoding ............................................................................................... 26
Table 2.
Numeric PIO Pin Assignments .............................................................................. 30
Table 3.
Alphabetic PIO Pin Assignments ........................................................................... 30
Table 4.
Bus Cycle Encoding ............................................................................................... 31
Table 5.
Segment Register Selection Rules ........................................................................ 34
Table 6.
Am186EM Microcontroller Maximum DMA Transfer Rates ................................... 46
Table 7.
Typical Power Consumption Calculation for the
Am186EMLV and Am188EMLV ............................................................................ 53
Table 8.
Thermal Characteristics (
°C/Watt) ......................................................................... 54
Table 9.
Typical Power Consumption Calculation ............................................................... 55
Table 10.
Junction Temperature Calculation ......................................................................... 55
Table 11.
Typical Ambient Temperatures for PQFP with 2-Layer Board ............................... 56
Table 12.
Typical Ambient Temperatures for TQFP with 2-Layer Board ............................... 57
Table 13.
Typical Ambient Temperatures for PQFP with 4-Layer to 6-Layer Board ............. 58
Table 14.
Typical Ambient Temperatures for TQFP with 4-Layer to 6-Layer Board .............. 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98