データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM186EM-33VC/W データシート(PDF) 95 Page - Advanced Micro Devices

部品番号 AM186EM-33VC/W
部品情報  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM-33VC/W データシート(HTML) 95 Page - Advanced Micro Devices

Back Button AM186EM-33VC/W Datasheet HTML 90Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 91Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 92Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 93Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 94Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 95Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 96Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 97Page - Advanced Micro Devices AM186EM-33VC/W Datasheet HTML 98Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 95 / 98 page
background image
Am186/188EM and Am186/188EMLV Microcontrollers
95
P R E L IMINAR Y
TQFP PHYSICAL DIMENSIONS
PQL 100, Trimmed and Formed
Thin Quad Flat Pack
Pin 100
Pin 25
Pin 1 ID
12.00
Ref
Notes:
1. All measurements are in millimeters unless otherwise noted.
2. Not to scale; for reference only.
pql100
4-15-94
–B–
–A–
–D–
Pin 75
12.00
Ref
13.80
14.20
15.80
16.20
Pin 50
13.80
14.20 15.80
16.20
–A–
–C–
S
S1.60
Max
0.50 Basic
1.00 Ref
1.35
1.45
See Detail X
Seating Plane
Top View
Side View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98