データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1886757 データシート(PDF) 1 Page - PHOENIX CONTACT

部品番号 1886757
部品情報  Protective covers - VC-SD-T4
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1886757 データシート(HTML) 1 Page - PHOENIX CONTACT

  1886757 Datasheet HTML 1Page - PHOENIX CONTACT 1886757 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1886757
08/26/2014   Page 1 / 2
Protective covers - VC-SD-T4 - 1886757
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
VARIOCON protective cover for sleeve housing, with IP50 protection, type 4, max. tightening torque: 1.6 Nm
Product Features
 Easy mounting
 Contact inserts are protected when not plugged in
 
Key commercial data
Packing unit
1 pc
GTIN
Weight per Piece (excluding packing)
23.34 GRM
Custom tariff number
39269097
Country of origin
Poland
Technical data
Ambient conditions
Degree of protection
IP65
Ambient temperature (operation)
-40 °C ... 80 °C
General
Type
VC4
For sleeve housing
Material
PA
Inflammability class according to UL 94
V0
Color
gray
Seal present
no


同様の部品番号 - 1886757

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1886702 PHOENIX-1886702 Datasheet
63Kb / 3P
Housing - VC-MP-T4-Z-M25
1886728 PHOENIX-1886728 Datasheet
54Kb / 2P
Protective covers - VC-SD-T1
1886731 PHOENIX-1886731 Datasheet
235Kb / 7P
VC-SD-T2 - Protective cover
1886744 PHOENIX-1886744 Datasheet
244Kb / 7P
VC-SD-T3 - Protective cover
1886760 PHOENIX-1886760 Datasheet
58Kb / 2P
Protective covers - VC-SD-A1
More results

同様の説明 - 1886757

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1853670 PHOENIX-1853670 Datasheet
87Kb / 3P
Protective covers - VC-SD1
1853683 PHOENIX-1853683 Datasheet
86Kb / 2P
Protective covers - VC-SD2
1853696 PHOENIX-1853696 Datasheet
87Kb / 3P
Protective covers - VC-SD3
1853706 PHOENIX-1853706 Datasheet
87Kb / 3P
Protective covers - VC-SD4
1886728 PHOENIX-1886728 Datasheet
54Kb / 2P
Protective covers - VC-SD-T1
1886760 PHOENIX-1886760 Datasheet
58Kb / 2P
Protective covers - VC-SD-A1
1886773 PHOENIX-1886773 Datasheet
62Kb / 2P
Protective covers - VC-SD-A2
1886799 PHOENIX-1886799 Datasheet
58Kb / 2P
Protective covers - VC-SD-A4
1652871 PHOENIX-1652871 Datasheet
60Kb / 3P
Protective covers - VS-08-SD-S
1689200 PHOENIX-1689200 Datasheet
55Kb / 2P
Protective covers - VS-08-SD
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com