データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC5687IPZP データシート(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC5687IPZP
部品情報  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP データシート(HTML) 69 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 64Page - Texas Instruments DAC5687IPZP Datasheet HTML 65Page - Texas Instruments DAC5687IPZP Datasheet HTML 66Page - Texas Instruments DAC5687IPZP Datasheet HTML 67Page - Texas Instruments DAC5687IPZP Datasheet HTML 68Page - Texas Instruments DAC5687IPZP Datasheet HTML 69Page - Texas Instruments DAC5687IPZP Datasheet HTML 70Page - Texas Instruments DAC5687IPZP Datasheet HTML 71Page - Texas Instruments DAC5687IPZP Datasheet HTML 72Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 69 / 72 page
background image
www.ti.com
C002
Application Example: High-Speed Arbitrary Waveform Generator
B0045-01
DAC
Odd
Even
Input
Multiplexer
Digital
Pattern
Generator
DAC5687
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
Figure 79. Two QAM256 Carriers With at 36-MHz IF
The DAC5687's flexible input allows use of the dual input ports with demultiplexed odd/even samples at a
combined rate of up to 500 MSPS. Combined with the DAC's 16-bit resolution, the DAC5687 allows wideband
signal generation for test and measurement applications.
Figure 80. DAC5687 in Odd/Even Input Mode
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72