| データシートサーチシステム |
|
DAC5687IPZP データシート(PDF) 20 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DAC5687IPZP データシート(HTML) 20 Page - Texas Instruments |
|
20 / 72 page ![]() www.ti.com Peak-to-Average Ratio − dB 3 5 7 9 11 13 15 G041 10−6 1 Carrier 2 Carriers 4 Carriers 10−4 10−2 100 DETAILED DESCRIPTION Modes of Operation DAC5687 SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005 Test Methodology (continued) Figure 28. WCDMA TM1 Cumulative Complementary Distribution Function for 1, 2, and 4 carriers The DAC5687 has six digital signal processing blocks: FIR1 and FIR2 (interpolate by two digital filters), FMIX (fine frequency mixer), QMC (quadrature modulation phase correction), FIR3 (interpolate by two digital filter) and CMIX (coarse frequency mixer). The modes of operation, listed in Table 1, enable or bypass the blocks to produce different results. The modes are selected by registers CONFIG1, CONFIG2, and CONFIG3 (0x02, 0x03, and 0x04). Block diagrams for each mode (x2, x4, x4L, and x8) are shown in Figure 29 through Figure 32. Table 1. DAC5687 Modes of Operation MODE FIR1 FIR2 FMIX QMC FIR3 CMIX FULL BYPASS – – – – – – X2 – – – – ON – X2 FMIX – – ON – ON – X2 QMC – – – ON ON – X2 FMIX QMC – – ON ON ON – X2 CMIX – – – – ON ON X2 FMIX CMIX – – ON – ON ON X2 QMC CMIX – – – ON(1) ON ON X2 FMIX QMC CMIX – – ON ON(1) ON ON X4 ON ON – – – – X4 FMIX(2) ON ON ON – – – X4 QMC(2) ON ON – ON – – X4 FMIX QMC ON ON ON ON – – X4 CMIX ON ON – – – ON (1) The QMC phase correction will be eliminated by the CMIX, so the QMC phase should be set to zero. The QMC gain settings can still be used to adjust the signal path gain as needed. (2) fDAC limited to maximum clock rate for the NCO and QMC, (See the AC specs). 20 |