| データシートサーチシステム |
|
7D201LT データシート(PDF) 3 Page - Shanghai Yint Electronic Co., Ltd |
|
|
|||||||||||||||||||||||||||||
7D201LT データシート(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd |
|
3 / 3 page ![]() High-Energy Varistors Trustworthy electronic circuit protection expert 53Dseries www.yint.com.cn Rev:19.3 3 53D 系列 电气参数 53D Series Electrical Parameters 型号规格 Part NO 压敏电压 Varistor Voltage 最大允许使用电 压 Maximum allowable voltage 最大限制电压 Maximum Limited Voltage 通流容量 Withstanding Surge current(8/20μs)times 静态功率 Rated Wattage 能量耐量 Energy ( 2ms) 0.1mA AC DC Ipp200A 1t 2t ( W) μ S J (V) (V) (V) (A) 53D201K 200 185-225 130 170 340 70 30 1.6 10/1000 330 53D221K 220 198-242 140 180 360 70 30 1.6 10/1000 355 53D241K 240 216-264 150 200 395 70 30 1.6 10/1000 380 53D271K 270 243-297 175 225 455 70 30 1.6 10/1000 430 53D301K 300 270-330 190 250 500 70 30 1.6 10/1000 455 53D331K 330 297-363 210 275 550 70 30 1.6 10/1000 480 53D361K 360 324-396 230 300 595 70 30 1.6 10/1000 510 53D391K 390 351-429 250 320 650 70 30 1.6 10/1000 550 53D431K 430 387-473 275 350 710 70 30 1.6 10/1000 635 53D471K 470 423-517 300 385 775 70 30 1.6 10/1000 640 53D511K 510 459-561 320 415 845 70 30 1.6 10/1000 640 53D561K 560 504-616 350 460 925 70 30 1.6 10/1000 645 53D621K 620 558-682 385 505 1025 70 30 1.6 10/1000 655 53D681K 680 612-748 420 560 1120 70 30 1.6 10/1000 710 53D751K 750 675-825 460 615 1240 70 30 1.6 10/1000 790 53D781K 780 702-858 485 640 1290 70 30 1.6 10/1000 820 53D821K 820 738-902 510 670 1355 70 30 1.6 10/1000 860 53D911K 910 819-1001 550 745 1500 70 30 1.6 10/1000 950 53D102K 1000 900-1100 625 825 1650 70 30 1.6 10/1000 990 53D122K 1200 1080-1320 750 980 1980 70 30 1.6 10/1000 1015 53D152K 1500 1350-1650 900 1220 2475 70 30 1.6 10/1000 1140 53D182K 1800 1620-1980 1000 1465 2970 70 30 1.6 10/1000 1370 注:压敏电压测试电流 DC1Ma 工作环境温度:-45℃~ +85℃ 加强型温度:-45℃~ +125℃压敏电压温度变化率:<0.05/℃ Note: Voltage-sensitive voltage test current DC1Ma working environment temperature: - 45 ~85, intensified temperature: - 45 +125, temperature change rate of voltage-sensitive voltage: < 0.05/. Disclaimer Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. |